Electronic Components Datasheet Search
  English  ▼

X  

ADR423AR Datasheet(PDF) 14 Page - Analog Devices

Part # ADR423AR
Description  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR423AR Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR423AR Datasheet HTML 8Page - Analog Devices ADR423AR Datasheet HTML 9Page - Analog Devices ADR423AR Datasheet HTML 10Page - Analog Devices ADR423AR Datasheet HTML 11Page - Analog Devices ADR423AR Datasheet HTML 12Page - Analog Devices ADR423AR Datasheet HTML 13Page - Analog Devices ADR423AR Datasheet HTML 14Page - Analog Devices ADR423AR Datasheet HTML 15Page - Analog Devices ADR423AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. B
–14–
ADR420/ADR421/ADR423/ADR425
Dual Polarity References
VIN
VOUT
GND
6
2
4
ADR425
U1
5
TRIM
VIN
1 F
0.1 F
R1
10k
+10V
–10V
OP1177
U2
V+
V–
–5V
R2
10k
+5V
R3
5k
Figure 8. +5 V and –5 V Reference Using ADR425
VIN
VOUT
GND
6
2
4
ADR425
U1
5
TRIM
+10V
R1
5.6k
+2.5V
R2
5.6k
–2.5V
–10V
OP1177
U2
V+
V–
Figure 9. +2.5 V and –2.5 V Reference Using ADR425
Dual polarity references can easily be made with an op amp and
a pair of resistors. In order not to defeat the accuracy obtained
by ADR42x, it is imperative to match the resistance tolerance as
well as the temperature coefficient of all the components.
Programmable Current Source
AD5232
U2
DIGITAL POT
A
BW
U2
R1
50k
C2
10pF
R2A
1k
R2B
10
R2’
1k
C1
10pF
R1’
50k
VIN
GND
2
4
VDD
VOUT 6
ADR425
U1
5
TRIM
LOAD
IL
VL
VSS
VDD
OP2177
A1
V+
V–
VSS
VDD
OP2177
A2
V+
V–
Figure 10. Programmable Current Source
Together with a digital potentiometer and a Howland current
pump, ADR425 forms the reference source for a programmable
current as
I
RR
R
R
V
L
AB
B
W
=
+
×
22
1
2
(3)
and
V
D
V
W
N
REF
=
×
2
(4)
where
D = Decimal Equivalent of the Input Code
N = Number of Bits
In addition, R1' and R2' must be equal to R1 and R2A + R2B,
respectively. R2B in theory can be made as small as needed to
achieve the current needed within A2 output current driving
capability. In this example, OP2177 is able to deliver a maxi-
mum of 10 mA. Since the current pump employs both positive and
negative feedback, capacitors C1 and C2 are needed to ensure the
negative feedback prevails and, therefore, avoids oscillation.
This circuit also allows bidirectional current flow if the inputs
VA and VB of the digital potentiometer are supplied with the
dual polarity references as shown previously.
Programmable DAC Reference Voltage
With a multichannel DAC such as a Quad 12-bit voltage output
DAC AD7398, one of its internal DACs and an ADR42x voltage
reference can be served as a common programmable VREFX for the
rest of the DACs. The circuit configuration is shown in Figure 11.
The relationship of VREFX to VREF depends upon the digital code
and the ratio of R1 and R2 and is given by:
V
V
R
R
DR
R
REFX
REF
N
=
×+


+×


1
2
1
1
2
2
1
where
D = Decimal Equivalent of Input Code and
N = Number of Bits
VREF = Applied External Reference
VREFX = Reference Voltage for DAC A to D
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com