Electronic Components Datasheet Search
  English  ▼

X  

ADR423AR Datasheet(PDF) 15 Page - Analog Devices

Part # ADR423AR
Description  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR423AR Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR423AR Datasheet HTML 8Page - Analog Devices ADR423AR Datasheet HTML 9Page - Analog Devices ADR423AR Datasheet HTML 10Page - Analog Devices ADR423AR Datasheet HTML 11Page - Analog Devices ADR423AR Datasheet HTML 12Page - Analog Devices ADR423AR Datasheet HTML 13Page - Analog Devices ADR423AR Datasheet HTML 14Page - Analog Devices ADR423AR Datasheet HTML 15Page - Analog Devices ADR423AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. B
ADR420/ADR421/ADR423/ADR425
–15–
Table III. VREFX vs. R1 and R2
VIN
DACA
VREFA
VOUTA
DACB
VREFB
VOUTB
DACC
VREFC
VOUTC
DACD
VREFD
VOUTD
AD7398
ADR425
R1
0.1%
R2
0.1%
VREF
VOB = V REFX (DB)
VOC = V REFX (DC)
VOD = V REFX (DD)
Figure 11. Programmable DAC Reference
Precision Voltage Reference for Data Converters
The ADR42x family has a number of features that make it ideal
for use with A/D and D/A converters. The exceptional low noise,
tight temperature coefficient, and high accuracy characteristics
make the ADR42x ideal for low noise applications such as cellular
base station applications.
Another example of ADC for which the ADR421 is also well-suited
is the AD7701. Figure 12 shows the ADR421 used as the precision
reference for this converter. The AD7701 is a 16-bit A/D converter
with on-chip digital filtering intended for the measurement of wide
dynamic range and low frequency signals such as those representing
chemical, physical, or biological processes. It contains a charge-
balancing (sigma-delta) ADC, calibration microcontroller with on-chip
static RAM, a clock oscillator, and a serial communications port.
VIN
GND
ADR42x
0.1 F
SC1
VOUT
MODE
CLKOUT
0.1 F
10 F
0.1 F
0.1 F
0.1 F
0.1 F10 F
AD7701
–5V
ANALOG
SUPPLY
AGND
AIN
AVSS
CAL
BP/
UP
VREF
AVDD
DVSS
DGND
SC2
CLKIN
SCLK
SDATA
DRDV
CS
SLEEP
DVDD
DATA READY
READ (TRANSMIT)
SERIAL CLOCK
SERIAL CLOCK
+5V
ANALOG
SUPPLY
ANALOG
GROUND
ANALOG
INPUT
CALIBRATE
RANGES
SELECT
Figure 12. Voltage Reference for 16-Bit A/D Converter
AD7701
Precision Boosted Output Regulator
A precision voltage output with boosted current capability can
be realized with the circuit shown in Figure 13. In this circuit,
U2 forces VO to be equal to VREF by regulating the turn on of
N1, therefore, the load current will be furnished by VIN. In this
configuration, a 50 mA load is achievable at VIN of 5 V. Moder-
ate heat will be generated on the MOSFET and higher current
can be achieved with a replacement of the larger device. In
addition, for heavy capacitive load with step input, a buffer may
be added at the output to enhance the transient response.
AD8601
VIN
VO
RL
25
N1
2U1
VIN
GND
4
5
6
U2
2N7002
5V
V+
V–
ADR421
VOUT
TRIM
Figure 13. Precision Boosted Output Regulator
R1, R2
Digital Code
VREF
R1 = R2
0000 0000 0000
2 VREF
R1 = R2
1000 0000 0000
1.3 VREF
R1 = R2
1111 1111 1111
VREF
R1 = 3R2
0000 0000 0000
4 VREF
R1 = 3R2
1000 0000 0000
1.6 VREF
R1 = 3R2
1111 1111 1111
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com