Electronic Components Datasheet Search
  English  ▼

X  

ITC135P Datasheet(PDF) 2 Page - IXYS Corporation

Part # ITC135P
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

ITC135P Datasheet(HTML) 2 Page - IXYS Corporation

  ITC135P Datasheet HTML 1Page - IXYS Corporation ITC135P Datasheet HTML 2Page - IXYS Corporation ITC135P Datasheet HTML 3Page - IXYS Corporation ITC135P Datasheet HTML 4Page - IXYS Corporation ITC135P Datasheet HTML 5Page - IXYS Corporation ITC135P Datasheet HTML 6Page - IXYS Corporation ITC135P Datasheet HTML 7Page - IXYS Corporation ITC135P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R05
ITC135P
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC: Relay Section
Total Power Dissipation (PD):
P
D=PHOOKSWITCH + PBRIDGE + PDARLINGTON + PLED
P
D=(RDS(on)) (I
2
L) + 2(VF)(IL) + (VCE)(IL) + (VLED)(IF)
WHERE:
R
DS(on)
= Maximum relay on resistance
I
L
= Maximum loop current
V
F
= Maximum diode forward voltage
V
CE
= Maximum voltage collector to emitter
V
LED
= Maximum LED forward voltage
I
F
= Maximum LED current
Parameter
Ratings
Units
Input Control Current, Relay
50
mA
Input Control Current, Detector
100
mA
Total Package Dissipation 1
1W
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 8.33 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Blocking Voltage (Peak)
-
V
L
-
-
350
V
P
Load Current
Continuous
-
I
L
-
-
120
mA
rms / mADC
Peak
t=10ms
I
LPK
-
-
400
mA
P
On-Resistance
I
L=120mA
R
ON
--
15
Off-State Leakage Current
V
L=350V, TJ=25ºC
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
3
ms
Turn-Off
t
off
--
3
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-25
-
pF
Input Characteristics
Input Control Current (to Activate)
I
L=120mA
I
F
--
5
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Electrical Characteristics @25ºC: Darlington Transistor Section
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Collector-Emitter Voltage
I
C=10mADC, IB=0mA
V
CEO
40
-
-
V
Collector Current, Continuous
V
C=3.5V
I
C
-
-
120
mA
Power Dissipation
-
P
D
-
-
500
mW
Off-State Collector-Emitter Leakage Current
V
CE=10V, IB=0mA
I
CEX
--
1
A
DC Current Gain
V
CE=10VDC, IC=120mA
h
FE
10,000
-
-
-
Saturation Voltage
I
C=120mA
V
CE(sat)
-
-
1.5
V
Total Harmonic Distortion
I
C=40mA, fO=300Hz @ -10dBm
-
-
-
-80
dB
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com