Electronic Components Datasheet Search
  English  ▼

X  

ITC135P Datasheet(PDF) 3 Page - IXYS Corporation

Part # ITC135P
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

ITC135P Datasheet(HTML) 3 Page - IXYS Corporation

  ITC135P Datasheet HTML 1Page - IXYS Corporation ITC135P Datasheet HTML 2Page - IXYS Corporation ITC135P Datasheet HTML 3Page - IXYS Corporation ITC135P Datasheet HTML 4Page - IXYS Corporation ITC135P Datasheet HTML 5Page - IXYS Corporation ITC135P Datasheet HTML 6Page - IXYS Corporation ITC135P Datasheet HTML 7Page - IXYS Corporation ITC135P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
ITC135P
www.ixysic.com
3
R05
EXAMPLE CIRCUIT
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Phototransistor Blocking Voltage
I
C=10ABVCEO
20
50
-
V
Phototransistor Dark Current
V
CE=5V, IF=0mA
I
CEO
-
50
500
nA
Saturation Voltage
I
F=16mA , IC=2mA
V
SAT
-
0.3
0.5
V
Current Transfer Ratio
I
F=6mA, VCE=0.5V
CTR
33
400
-
%
Input Characteristics
Input Control Current
I
C=2mA, VCE=0.5V
I
F
-2
6
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Current (Detector Must be Off)
I
C=1A, VCE=5V
I
F
525
-
A
Electrical Characteristics @25ºC: Detector Section
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Reverse Voltage
-
V
RD
-
-
100
V
Forward Voltage Drop
I
FD=120mA
V
FD
-
-
1.5
V
Reverse Leakage Current
T
J=25ºC, VR=100V
I
RD
--
10
A
T
J=85ºC
-
-
50
Forward Current
Continuous
-
I
FD
-
-
140
mA
Peak
t=10ms
-
-
500
Electrical Characteristics @25ºC (Unless Otherwise Noted): Bridge Rectifier Section
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Zener Voltage Between Pins 4&5 and Pins 6&5
I
ZT=20mA
V
Z
-
4.3
-
V
Zener Voltage Between Pins 12&11
I
ZT=20mA
V
Z
-15
-
V
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
rms
Electrical Characteristics @25ºC: Zener Diodes
MOSFET
DRIVER
CIRCUIT
4
1
3
2
7
8
6
5
16
15
14
13
12
11
10
9
DIGITAL
GROUND
ISOLATED
GROUND
CPU
RING
OFF-HOOK
680
V
CC
15V
4.7F
+
4.7F
+
51k
15
10F
25k
COUPLING
TRANSFORMER
RL
10
300V SURGE
PROTECTION
TELEPHONE
LINE
RING
18Vx 2
0.47F
250V
8.2k
V
CC
TIP
A
B
A
B
* Denotes reverse polarity protection diode;
half-wave detection only.
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com