Electronic Components Datasheet Search
  English  ▼

X  

ITC135P Datasheet(PDF) 5 Page - IXYS Corporation

Part # ITC135P
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

ITC135P Datasheet(HTML) 5 Page - IXYS Corporation

  ITC135P Datasheet HTML 1Page - IXYS Corporation ITC135P Datasheet HTML 2Page - IXYS Corporation ITC135P Datasheet HTML 3Page - IXYS Corporation ITC135P Datasheet HTML 4Page - IXYS Corporation ITC135P Datasheet HTML 5Page - IXYS Corporation ITC135P Datasheet HTML 6Page - IXYS Corporation ITC135P Datasheet HTML 7Page - IXYS Corporation ITC135P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
ITC135P
www.ixysic.com
5
R05
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Typical Turn-On Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-Off Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
50
Typical On-Resistance
vs. Temperature
(I
F=5mA, IL=120mADC)
Temperature (ºC)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Typical Turn-On Time
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
I
F=5mA
I
F=10mA
I
F=20mA
I
F=10mA
I
F=20mA
Typical Turn-Off Time
vs. Temperature
(I
F=5mA, IL=120mA)
Temperature (ºC)
-40
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
Load Current
vs. Ambient Temperature
(I
F=5mA)
Ambient Temperature (ºC)
-40
100
75
50
25
0
025
50
85
Typical I
F for Switch Operation
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
Typical I
F for Switch Dropout
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
Typical Load Current
vs. Load Voltage
(I
F=5mA, TA=25ºC)
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.0 -1.5
-1.0
-0.5
0
0.5
1.0
2.0
1.5
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
415
410
405
400
395
390
385
380
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured across Pins 15&16
Temperature (ºC)
-40
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
Energy Rating Curve
Time
10 s
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100 s
100ms
1s
10ms
10s
100s
RELAY PERFORMANCE DATA (cont)*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com