Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2189M Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-2189M
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2189M Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-2189M Datasheet HTML 4Page - Analog Devices ADSP-2189M Datasheet HTML 5Page - Analog Devices ADSP-2189M Datasheet HTML 6Page - Analog Devices ADSP-2189M Datasheet HTML 7Page - Analog Devices ADSP-2189M Datasheet HTML 8Page - Analog Devices ADSP-2189M Datasheet HTML 9Page - Analog Devices ADSP-2189M Datasheet HTML 10Page - Analog Devices ADSP-2189M Datasheet HTML 11Page - Analog Devices ADSP-2189M Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
REV. A
ADSP-2189M
–8–
Mode D = 1 and in host mode:
IACK is an open source and
requires an external pull-down, but multiple
IACK pins can be
wire OR-ed together.
MEMORY ARCHITECTURE
The ADSP-2189M provides a variety of memory and peripheral
interface options. The key functional groups are Program Memory,
Data Memory, Byte Memory and I/O. Refer to the following
figures and tables for PM and DM memory allocations in the
ADSP-2189M.
Program Memory
Program Memory, Full Memory Mode is a 24-bit-wide space
for storing both instruction op codes and data. The ADSP-2189M
has 32K words of Program Memory RAM on chip and the
capability of accessing up to two 8K external memory overlay
spaces using the external data bus.
Program Memory, Host Mode allows access to all internal
memory. External overlay access is limited by a single external
address line (A0). External program execution is not available in
host mode due to a restricted data bus that is 16-bits wide only.
Table III. PMOVLAY Bits
PMOVLAY
Memory
A13
A12:0
0, 4, 5
Internal
Not Applicable Not Applicable
1
External
0
13 LSBs of Address
Overlay 1
Between 0x2000
and 0x3FFF
2
External
1
13 LSBs of Address
Overlay 2
Between 0x2000
and 0x3FFF
Data Memory
Data Memory, Full Memory Mode is a 16-bit-wide space
used for the storage of data variables and for memory-mapped
control registers. The ADSP-2189M has 48K words on Data
Memory RAM on-chip. Part of this space is used by 32 memory-
mapped registers. Support also exists for up to two 8K external
memory overlay spaces through the external data bus. All inter-
nal accesses complete in one cycle. Accesses to external memory
are timed using the wait-states specified by the DWAIT register
and the wait-state mode bit.
ACCESSIBLE WHEN
DMOVLAY = 2
ACCESSIBLE WHEN
DMOVLAY = 1
0 0000–
0 1FFF
0 0000–
0 1FFF
EXTERNAL
MEMORY
32 MEMORY–
MAPPED
REGISTERS
0 3FFF
0 2000
0 1FFF
INTERNAL
8160
WORDS
0 0000
DATA MEMORY
ADDRESS
INTERNAL
MEMORY
8K INTERNAL
DMOVLAY =
0, 4, 5, 6, 7
OR
EXTERNAL 8K
DMOVLAY = 1, 2
0 3FE0
0 3FDF
DATA MEMORY
ACCESSIBLE WHEN
DMOVLAY = 7
ACCESSIBLE WHEN
DMOVLAY = 6
0 0000–
0 1FFF
0 0000–
0 1FFF
ACCESSIBLE WHEN
DMOVLAY = 5
ALWAYS
ACCESSIBLE
AT ADDRESS
0 2000 – 0 3FFF
ACCESSIBLE WHEN
DMOVLAY = 0
ACCESSIBLE WHEN
DMOVLAY = 4
0 0000–
0 1FFF
0 0000–
0 1FFF
0 0000–
0 1FFF
Figure 5. Data Memory Map
ACCESSIBLE WHEN
PMOVLAY = 2
ACCESSIBLE WHEN
PMOVLAY = 1
ACCESSIBLE WHEN
PMOVLAY = 5
ALWAYS
ACCESSIBLE
AT ADDRESS
0 0000 – 0 1FFF
ACCESSIBLE WHEN
PMOVLAY = 0
ACCESSIBLE WHEN
PMOVLAY = 4
INTERNAL
MEMORY
EXTERNAL
MEMORY
0 2000–
0 3FFF
0 2000–
0 3FFF
0 2000–
0 3FFF
0 2000–
0 3FFF2
0 2000–
0 3FFF2
PM (MODE B = 0)
8K INTERNAL
PMOVLAY = 0
8K EXTERNAL
PROGRAM MEMORY
MODE B = 1
ADDRESS
0 3FFF
0 2000
0 1FFF
0 0000
8K INTERNAL
PMOVLAY = 0, 4, 5
OR
8K EXTERNAL
PMOVLAY = 1, 2
0 3FFF
0 2000
0 1FFF
8K INTERNAL
0 0000
PROGRAM MEMORY
MODE B = 0
ADDRESS
ACCESSIBLE WHEN
PMOVLAY = 1
RESERVED
RESERVED
INTERNAL
MEMORY
EXTERNAL
MEMORY
0 2000–
0 3FFF
0 0000–
0 1FFF2
PM (MODE B = 1)1
RESERVED
1WHEN MODE B = 1, PMOVLAY MUST BE SET TO 0
2SEE TABLE III FOR PMOVLAY BITS
ACCESSIBLE WHEN
PMOVLAY = 0
RESERVED
0 0000–
0 1FFF2
Figure 4. Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com