Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2189M Datasheet(PDF) 17 Page - Analog Devices

Part # ADSP-2189M
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2189M Datasheet(HTML) 17 Page - Analog Devices

Back Button ADSP-2189M Datasheet HTML 13Page - Analog Devices ADSP-2189M Datasheet HTML 14Page - Analog Devices ADSP-2189M Datasheet HTML 15Page - Analog Devices ADSP-2189M Datasheet HTML 16Page - Analog Devices ADSP-2189M Datasheet HTML 17Page - Analog Devices ADSP-2189M Datasheet HTML 18Page - Analog Devices ADSP-2189M Datasheet HTML 19Page - Analog Devices ADSP-2189M Datasheet HTML 20Page - Analog Devices ADSP-2189M Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
REV. A
ADSP-2189M
–17–
VALID FOR ALL TEMPERATURE GRADES.
1 POWER REFLECTS DEVICE OPERATING WITH NO OUTPUT LOADS.
2 TYPICAL POWER DISSIPATION AT 2.5V V
DDINT AND +25 C EXCEPT
WHERE SPECIFIED.
3 I
DD MEASUREMENT TAKEN WITH ALL INSTRUCTIONS EXECUTING FROM
INTERNAL MEMORY. 50% OF THE INSTRUCTIONS ARE MULTIFUNCTION
(TYPES 1, 4, 5, 12, 13, 14), 30% ARE TYPE 2 AND TYPE 6, AND 20% ARE
IDLE INSTRUCTIONS.
4 IDLE REFERS TO ADSP-2189M STATE OF OPERATION DURING EXECUTION
OF IDLE INSTRUCTION. DEASSERTED PINS ARE DRIVEN TO EITHER VDD
OR GND.
12
20mW
15mW
14.25mW
15.7mW
16.4mW
24mW
IDLE (16)
IDLE (128)
IDLE
POWER, IDLE n MODES2
1/tCK – MHz
50
75
14
16
18
20
22
24
26
55
60
70
80
65
14
24mW
28mW
VDD = 2.65V
20mW
24mW
VDD = 2.5V
16.5mW
20mW
VDD = 2.35V
POWER, IDLE1, 2, 4
1/tCK – MHz
40
16
18
20
22
24
26
28
30
55
60
65
70
75
80
1/tCK – MHz
50
80
60
82mW
70mW
61mW
95mW
82mW
2189L POWER, INTERNAL1, 2, 3
110mW
VDD = 2.65V
VDD = 2.5V
VDD = 2.35V
55
55
60
65
70
75
65
70
75
80
85
90
95
100
105
110
115
VDD = 2.65V
VDD = 2.35V
VDD = 2.5V
Figure 15. Power vs. Frequency
CAPACITIVE LOADING
Figure 16 and Figure 17 show the capacitive loading character-
istics of the ADSP-2189M.
CL – pF
30
300
0
50
100
150
200
250
25
15
10
5
0
20
T = +85 C
VDD = 0V TO 2.0V
Figure 16. Typical Output Rise Time vs. Load Capacitance,
CL (at Maximum Ambient Operating Temperature)
CL – pF
14
0
50
100
150
250
200
12
4
2
–2
10
8
NOMINAL
16
18
6
–4
–6
Figure 17. Typical Output Valid Delay or Hold vs. Load
Capacitance, CL (at Maximum Ambient Operating
Temperature)
VDD INTERNAL – Volts
700
2.25
2.35
2.5
2.75
2.65
600
300
200
100
500
400
800
900
0
657 A
393 A
131 A
772 A
475 A
161 A
TEMP = +85 C
TEMP = +70 C
TEMP = +25 C
Figure 18. IDD Power-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com