Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2191M Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-2191M
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191M Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-2191M Datasheet HTML 2Page - Analog Devices ADSP-2191M Datasheet HTML 3Page - Analog Devices ADSP-2191M Datasheet HTML 4Page - Analog Devices ADSP-2191M Datasheet HTML 5Page - Analog Devices ADSP-2191M Datasheet HTML 6Page - Analog Devices ADSP-2191M Datasheet HTML 7Page - Analog Devices ADSP-2191M Datasheet HTML 8Page - Analog Devices ADSP-2191M Datasheet HTML 9Page - Analog Devices ADSP-2191M Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
ADSP-2191M
–6–
REV. 0
different mechanisms to generate a 24-bit address for each bus.
The DSP has three functions that support access to the full
memory map.
• The DAGs generate 24-bit addresses for data fetches from
the entire DSP memory address range. Because DAG
index (address) registers are 16 bits wide and hold the
lower 16 bits of the address, each of the DAGs has its own
8-bit page register (DMPGx) to hold the most significant
eight address bits. Before a DAG generates an address,
the program must set the DAG’s DMPGx register to the
appropriate memory page.
• The Program Sequencer generates the addresses for
instruction fetches. For relative addressing instructions,
the program sequencer bases addresses for relative jumps,
calls, and loops on the 24-bit Program Counter (PC). In
direct addressing instructions (two-word instructions),
the instruction provides an immediate 24-bit address
value. The PC allows linear addressing of the full 24-bit
address range.
• For indirect jumps and calls that use a 16-bit DAG
address register for part of the branch address, the
Program Sequencer relies on an 8-bit Indirect Jump page
(IJPG) register to supply the most significant eight
address bits. Before a cross page jump or call, the program
must set the program sequencer’s IJPG register to the
appropriate memory page.
The ADSP-2191M has 1K word of on-chip ROM that holds boot
routines. If peripheral booting is selected, the DSP starts
executing instructions from the on-chip boot ROM, which starts
the boot process from the selected peripheral. For more informa-
tion, see “Booting Modes” on page 11. The on-chip boot ROM
is located on Page 255 in the DSP’s memory space map.
External (Off-Chip) Memory
Each of the ADSP-2191M’s off-chip memory spaces has a
separate control register, so applications can configure unique
access parameters for each space. The access parameters include
read and write wait counts, waitstate completion mode, I/O clock
divide ratio, write hold time extension, strobe polarity, and data
bus width. The core clock and peripheral clock ratios influence
the external memory access strobe widths. For more information,
see “Clock Signals” on page 11. The off-chip memory spaces are:
• External memory space (MS3–0 pins)
• I/O memory space (IOMS pin)
• Boot memory space (BMS pin)
All of these off-chip memory spaces are accessible through the
External Port, which can be configured for data widths of
8 or 16 bits.
External Memory Space
External memory space consists of four memory banks. These
banks can contain a configurable number of 64K word pages. At
reset, the page boundaries for external memory have Bank0
containing pages 1
−63, Bank1 containing pages 64−127, Bank2
containing pages 128
−191, and Bank3 that contains pages
192
−254. The MS3–0 memory bank pins select Banks 3–0,
respectively. The external memory interface is byte-addressable
and decodes the 8 MSBs of the DSP program address to select
one of the four banks. Both the ADSP-219x core and DMA-capa-
ble peripherals can access the DSP’s external memory space.
I/O Memory Space
The ADSP-2191M supports an additional external memory
called I/O memory space. This space is designed to support
simple connections to peripherals (such as data converters and
external registers) or to bus interface ASIC data registers. I/O
space supports a total of 256K locations. The first 8K addresses
are reserved for on-chip peripherals. The upper 248K addresses
are available for external peripheral devices. The DSP’s instruc-
tion set provides instructions for accessing I/O space. These
instructions use an 18-bit address that is assembled from an
8-bit I/O page (IOPG) register and a 10-bit immediate value
supplied in the instruction. Both the ADSP-219x core and a Host
(through the Host Port Interface) can access I/O memory space.
Boot Memory Space
Boot memory space consists of one off-chip bank with 63 pages.
The
BMS memory bank pin selects boot memory space. Both
the ADSP-219x core and DMA-capable peripherals can access
the DSP’s off-chip boot memory space. After reset, the DSP
always starts executing instructions from the on-chip boot ROM.
Depending on the boot configuration, the boot ROM code can
start booting the DSP from boot memory. For more information,
see “Booting Modes” on page 11.
Interrupts
The interrupt controller lets the DSP respond to 17 interrupts
with minimum overhead. The controller implements an interrupt
priority scheme as shown in Table 1. Applications can use the
unassigned slots for software and peripheral interrupts.
Table 2 shows the ID and priority at reset of each of the periph-
eral interrupts. To assign the peripheral interrupts a different
priority, applications write the new priority to their correspond-
ing control bits (determined by their ID) in the Interrupt Priority
Control register. The peripheral interrupt’s position in the
IMASK and IRPTL register and its vector address depend on its
priority level, as shown in Table 1. Because the IMASK and
IRPTL registers are limited to 16 bits, any peripheral interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com