Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2191M Datasheet(PDF) 28 Page - Analog Devices

Part # ADSP-2191M
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191M Datasheet(HTML) 28 Page - Analog Devices

Back Button ADSP-2191M Datasheet HTML 24Page - Analog Devices ADSP-2191M Datasheet HTML 25Page - Analog Devices ADSP-2191M Datasheet HTML 26Page - Analog Devices ADSP-2191M Datasheet HTML 27Page - Analog Devices ADSP-2191M Datasheet HTML 28Page - Analog Devices ADSP-2191M Datasheet HTML 29Page - Analog Devices ADSP-2191M Datasheet HTML 30Page - Analog Devices ADSP-2191M Datasheet HTML 31Page - Analog Devices ADSP-2191M Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
ADSP-2191M
–28–
REV. 0
Host Port ACC Mode Write Cycle Timing
Table 16 and Figure 15 describe Host port write operations in Address Cycle Control (ACC) mode. For more information on ACK,
Ready, ALE, and ACC mode selection, see the Host port modes description on page 8.
Table 16. Host Port ACC Mode Write Cycle Timing
Parameter
Min
Max
Unit
Switching Characteristics
tWHKS1
HWR Asserted to HACK Asserted (ACK Mode) First Byte
10
5tHCLK+tNH
1
1t
NH are peripheral bus latencies (n
tHCLK); these are internal DSP latencies related to the number of peripheral DMAs attempting to access DSP memory
at the same time.
ns
tWHKS2
HWR Asserted to HACK Asserted (Setup, ACK Mode)2
2 Measurement is for the second, third, or fourth byte of a host write transaction. The quantity of bytes to complete a host write transaction is dependent
on the data bus size (8 or 16 bits) and the data type (16 or 24 bits).
12
ns
tWHKH
HWR Deasserted to HACK Deasserted (Hold, ACK Mode)
10
ns
tWHS
HWR Asserted to HACK Asserted (Setup, Ready Mode)
10
ns
tWHH
HWR Asserted to HACK Deasserted (Hold, Ready Mode)
First Byte
05tHCLK+tNH
1
ns
tWSHKS
HWR Asserted to HACK Asserted (Setup) During Address
Latch
10
ns
tWHHKH
HWR Deasserted to HACK Deasserted (Hold) During
Address Latch
10
ns
Timing Requirements
tWAL
HWR Asserted to HALE Deasserted (Delay)
1.5
ns
tCSAL
HCMS or HCIOMS Asserted to HALE Asserted (Delay)
0ns
tALCS
HALE Deasserted to Optional
HCMS or HCIOMS
Deasserted
1ns
tWCSW
HWR Deasserted to HCMS or HCIOMS Deasserted
0
ns
tALW
HALE Asserted to HWR Asserted
0.5
ns
tCSW
HCMS or HCIOMS Asserted to HWR Asserted
0ns
tWCS
HWR Deasserted (After Last Byte) to HCMS or
HCIOMS Deasserted (Ready for Next Write)
0ns
tALEW
HALE Deasserted to HWR Asserted
1
ns
tHKWD
HACK Asserted to
HWR Deasserted (Hold, ACK Mode)
1.5
ns
tADW
Address Valid to
HWR Asserted (Setup)
3
ns
tWAD
HWR Deasserted to Address Invalid (Hold)
3
ns
tDWS
Data Valid to
HWR Deasserted (Setup)
2
ns
tWDH
HWR Deasserted to Data Invalid (Hold)
2
ns
tHKWAL
HACK Asserted to
HWR Deasserted (Hold) During Address
Latch
2
2ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com