Electronic Components Datasheet Search
  English  ▼

X  

ADSP-2191M Datasheet(PDF) 17 Page - Analog Devices

Part # ADSP-2191M
Description  DSP Microcomputer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191M Datasheet(HTML) 17 Page - Analog Devices

Back Button ADSP-2191M Datasheet HTML 13Page - Analog Devices ADSP-2191M Datasheet HTML 14Page - Analog Devices ADSP-2191M Datasheet HTML 15Page - Analog Devices ADSP-2191M Datasheet HTML 16Page - Analog Devices ADSP-2191M Datasheet HTML 17Page - Analog Devices ADSP-2191M Datasheet HTML 18Page - Analog Devices ADSP-2191M Datasheet HTML 19Page - Analog Devices ADSP-2191M Datasheet HTML 20Page - Analog Devices ADSP-2191M Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
–17–
REV. 0
ADSP-2191M
RXD
I
UART Serial Receive Data
TXD
O
UART Serial Transmit Data
RESET
I
Processor Reset. Resets the ADSP-2191M to a known state and begins execution at the
program memory location specified by the hardware reset vector address. The
RESET input
must be asserted (low) at powerup. The RESET pin has an 85 k
Ω internal pull-up resistor.
TCK
I
Test Clock (JTAG). Provides a clock for JTAG boundary scan. The TCK pin has an 85 k
Ω
internal pull-up resistor.
TMS
I
Test Mode Select (JTAG). Used to control the test state machine. The TMS pin has an 85 k
Ω
internal pull-up resistor.
TDI
I
Test Data Input (JTAG). Provides serial data for the boundary scan logic. The TDI pin has a
85 k
Ω internal pull-up resistor.
TDO
O
Test Data Output (JTAG). Serial scan output of the boundary scan path.
TRST
I
Test Reset (JTAG). Resets the test state machine.
TRST must be asserted (pulsed low) after
powerup or held low for proper operation of the ADSP-2191M. The
TRST pin has a 65 k
Ω
internal pull-down resistor.
EMU
O
Emulation Status (JTAG). Must be connected to the ADSP-2191M emulator target board
connector only.
VDDINT
P
Core Power Supply. Nominally 2.5 V dc and supplies the DSP’s core processor. (four pins)
VDDEXT
P
I/O Power Supply. Nominally 3.3 V dc. (nine pins)
GND
G
Power Supply Return. (twelve pins)
NC
Do Not Connect. Reserved pins that must be left open and unconnected.
Table 7. Pin Function Descriptions (continued)
Pin
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com