Electronic Components Datasheet Search
  English  ▼

X  

ADT14 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT14
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14 Datasheet(HTML) 5 Page - Analog Devices

  ADT14 Datasheet HTML 1Page - Analog Devices ADT14 Datasheet HTML 2Page - Analog Devices ADT14 Datasheet HTML 3Page - Analog Devices ADT14 Datasheet HTML 4Page - Analog Devices ADT14 Datasheet HTML 5Page - Analog Devices ADT14 Datasheet HTML 6Page - Analog Devices ADT14 Datasheet HTML 7Page - Analog Devices ADT14 Datasheet HTML 8Page - Analog Devices ADT14 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADT14
–5–
REV. 0
500
400
300
75
175
25
25
75
125
475
450
350
325
425
375
V+ = +5V, NO LOAD
TEMPERATURE –
°C
Figure 8. Supply Current vs. Temperature
40
20
0
75
175
25
25
75
125
35
30
10
5
25
15
VOL = +1V, V+ = +5V
TEMPERATURE –
°C
Figure 9. Open-Collector Output Sink Current vs.
Temperature
700
0
75
175
25
25
75
125
600
500
400
300
200
100
ILOAD = 1mA
ILOAD = 5mA
V+ = +5V, NO LOAD
TEMPERATURE –
°C
Figure 10. Open-Collector Output Voltage vs. Temperature
2.52
2.5
2.48
75
175
25
25
75
125
2.515
2.51
2.49
2.485
2.505
2.495
V+ = +5V, NO LOAD
MAX LIMIT
MIN LIMIT
TEMPERATURE –
°C
Figure 11. Reference Voltage vs. Temperature
TEMPERATURE –
°C
0.1
0
150
25
0
25
50
75
100
125
0.05
0.025
0.075
50
V+ = +4.5V TO +13V
NO LOAD
Figure 12. VPTAT Power Supply Rejection vs. Temperature
10
0%
500µs
20mV
100
90
2.5V
VLOAD
0V
VREF
Figure 13. VREF Under Load Switching (0 µA–500 µA),
RLOAD = 5 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com