Electronic Components Datasheet Search
  English  ▼

X  

ADT14 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT14
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14 Datasheet(HTML) 3 Page - Analog Devices

  ADT14 Datasheet HTML 1Page - Analog Devices ADT14 Datasheet HTML 2Page - Analog Devices ADT14 Datasheet HTML 3Page - Analog Devices ADT14 Datasheet HTML 4Page - Analog Devices ADT14 Datasheet HTML 5Page - Analog Devices ADT14 Datasheet HTML 6Page - Analog Devices ADT14 Datasheet HTML 7Page - Analog Devices ADT14 Datasheet HTML 8Page - Analog Devices ADT14 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADT14
–3–
REV. 0
WAFER TEST LIMITS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUTS SET HIGH, SET LOW
Input Bias Current
IB
70
nA
OUTPUT VPTAT
Temperature Accuracy
TA = +25
°C, No Load
1.5
°C
OUTPUT VREF
Nominal Value
VREF
TA = +25°C, No Load
2.490
2.510
V
Line Regulation
4.5 V
≤ V ≤ 13.2 V
±0.08
%/V
Load Regulation
10
µA ≤ IV
REF
≤ 500 µA
±0.25
%/mA
OPEN-COLLECTOR OUTPUTS OVER, UNDER
Output Low Voltage
VOL
ISINK = 1.6 mA
0.4
V
Output Leakage Current
IOH
100
µA
POWER SUPPLY
Supply Range
V+
4.5
5.5
V
Supply Current
ISY
Unloaded
600
µA
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly and nominal yield loss, yield after packaging is not guaranteed for
standard product dice. Consult factory to negotiate specifications based on lot qualification through sample lot assembly and testing.
DICE CHARACTERISTICS
Die Size 0.069
× 0.080 inch, 5520 sq. mils
(1.75
× 2.03 mm, 3.55 sq. mm)
Transistor Count: 130
(V+ = +5 V, GND = 0 V, TA = +25 C unless otherwise noted)
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADT14 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com