Electronic Components Datasheet Search
  English  ▼

X  

ADT14 Datasheet(PDF) 9 Page - Analog Devices

Part # ADT14
Description  Quad Setpoint, Programmable Temperature Monitor and Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT14 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADT14 Datasheet HTML 5Page - Analog Devices ADT14 Datasheet HTML 6Page - Analog Devices ADT14 Datasheet HTML 7Page - Analog Devices ADT14 Datasheet HTML 8Page - Analog Devices ADT14 Datasheet HTML 9Page - Analog Devices ADT14 Datasheet HTML 10Page - Analog Devices ADT14 Datasheet HTML 11Page - Analog Devices ADT14 Datasheet HTML 12Page - Analog Devices ADT14 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADT14
–9–
REV. 0
TEMP
SENSOR
& VOLTAGE
REFERENCE
HYSTERESIS
GENERATOR
13
14
15
9
10
11
12
16
6
7
8
1
2
3
4
5
NC
NC
2604-12-311 COTO
12V
VREF
MOTOR
SHUTDOWN
IN4001 OR EQUIVALENT
NC = NO CONNECT
ADT14
Figure 18a. Reed Relay Drive
TEMP
SENSOR
& VOLTAGE
REFERENCE
HYSTERESIS
GENERATOR
13
14
15
9
10
11
12
16
6
7
8
1
2
3
4
5
NC
NC
VREF
IRFR9022 OR
EQUIVALENT
2.4k
Ω (24V)
1.2k
Ω (6V)
5%
IN
OUT
A7812
(24V ONLY)
HEATING
ELEMENT
24V/6V
NC = NO CONNECT
ADT14
Figure 18b. Driving a P-Channel MOSFET
TEMP
SENSOR
& VOLTAGE
REFERENCE
HYSTERESIS
GENERATOR
13
14
15
9
10
11
12
16
6
7
8
1
2
3
4
5
NC
NC
VREF
4.7k
Ω
MOTION
CONTROL
V+
4.7k
Ω
1RGBC40S
2N1711
NC = NO CONNECT
ADT14
Figure 18c. Driving an IGBT
TEMP
SENSOR
& VOLTAGE
REFERENCE
HYSTERESIS
GENERATOR
13
14
15
9
10
11
12
16
6
7
8
1
2
3
4
5
NC
NC
VREF
V+ = +5V
500
Ω
MOC3011
1
2
3
6
5
4
150
Ω
LOAD
AC
2N6073A
NC = NO CONNECT
ADT14
Figure 18d. Controlling the 2N6073A Triac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com