Electronic Components Datasheet Search
  English  ▼

X  

ADV601 Datasheet(PDF) 14 Page - Analog Devices

Part # ADV601
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV601 Datasheet HTML 10Page - Analog Devices ADV601 Datasheet HTML 11Page - Analog Devices ADV601 Datasheet HTML 12Page - Analog Devices ADV601 Datasheet HTML 13Page - Analog Devices ADV601 Datasheet HTML 14Page - Analog Devices ADV601 Datasheet HTML 15Page - Analog Devices ADV601 Datasheet HTML 16Page - Analog Devices ADV601 Datasheet HTML 17Page - Analog Devices ADV601 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
ADV601
–14–
REV. 0
Compression Ratio Register
Indirect (Write Only) Register Index 0x06
This register holds the value that is used by the DSP to control compression during encode mode. Note that this register should only
be used when a DSP is calculating Bin Widths.
[7:0]
Compression Ratio, CRA[7:0]. Value passed to the DSP during encode operation. The 8-bit value in this field is sent to the
DSP through the serial interface during DSP-assisted encode operations. CRA values are zero-filled from the MSB and one
each is sent to the DSP as part of the packet of data on which the ratio is applied. The DSP software uses the CRA value
and other statistics to calculate BW controls for the ADV601’s quantizer. Note that the relationship between CRA and the
actual compression ratio is dependent on the BW control algorithm used in the DSP (undefined at reset).
[15:8]
Reserved (always write zero)
Sum of Squares [0–41] Registers
Indirect (Read Only) Register Index 0x080 through 0x0A9
The Sum of Squares [0–41] registers hold values that correspond to the summation of values (squared) in corresponding Mallat
blocks [0–41]. These registers let the Host or DSP read sum of squares statistics from the ADV601; using these values (with the Sum
of Value, MIN Value, and MAX Value) the host or DSP can then calculate the BW and RBW values. The ADV601 indicates that
the sum of squares statistics have been updated by setting (1) the STATR bit and asserting the STAT_R pin. Read the statistics at
any time. The Host reads these values through the Host Interface or the DSP receives these values through the serial port.
[15:0]
Sum of Squares, STS[15:0]. 16-bit values [0-41] for corresponding Mallat blocks [0-41] (undefined at reset). Sum of Square
values are 16-bit codes that represent the Most Significant Bits of values ranging from 40 bits for small blocks to 48 bits for
large blocks. The 16-bit codes have the following precision:
Blocks Precision
Sum of Squares Precision Description
0–2
48.–32
48.-bits wide, left shift code by 32-bits, and zero fill
3–11
46.–30
46.-bits wide, left shift code by 30-bits, and zero fill
12–20
44.–28
44.-bits wide, left shift code by 28-bits, and zero fill
21–29
42.–26
42.-bits wide, left shift code by 26-bits, and zero fill
30–41
40.–24
40.-bits wide, left shift code by 24-bits, and zero fill
If the Sum of Squares code were 0x0025 for block 10, the actual value would be 0x000940000000; if using that same
code, 0x0025, for block 30, the actual value would be 0x0025000000.
[31:0]
Reserved (always read zero)
Sum of Luma Value Register
Indirect (Read Only) Register Index 0x0AA
The Sum of Luma Value register lets the host or DSP read the sum of pixel values for the Luma component in block 39. The Host
reads these values through the Host Interface or the DSP receives these values through the serial port.
[15:0]
Sum of Luma, SL[15:0]. 16-bit component pixel values (undefined at reset)
[31:0]
Reserved (always read zero)
Sum of Cb Value Register
Indirect (Read Only) Register Index 0x0AB
The Sum of Cb Value register lets the host or DSP read the sum of pixel values for the Cb component in block 40. The Host reads
these values through the Host Interface or the DSP receives these values through the serial port.
[15:0]
Sum of Cb, SCB[15:0]. 16-bit component pixel values (undefined at reset)
[31:0]
Reserved (always read zero)
Sum of Cr Value Register
Indirect (Read Only) Register Index 0x0AC
The Sum of Cr Value register lets the host or DSP read the sum of pixel values for the Cr component in block 41. The Host reads
these values through the Host Interface or the DSP receives these values through the serial port.
[15:0]
Sum of Cr, SCR[15:0]. 16-bit component pixel values (undefined at reset)
[31:0]
Reserved (always read zero)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com