Electronic Components Datasheet Search
  English  ▼

X  

ADV601 Datasheet(PDF) 26 Page - Analog Devices

Part # ADV601
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADV601 Datasheet HTML 22Page - Analog Devices ADV601 Datasheet HTML 23Page - Analog Devices ADV601 Datasheet HTML 24Page - Analog Devices ADV601 Datasheet HTML 25Page - Analog Devices ADV601 Datasheet HTML 26Page - Analog Devices ADV601 Datasheet HTML 27Page - Analog Devices ADV601 Datasheet HTML 28Page - Analog Devices ADV601 Datasheet HTML 29Page - Analog Devices ADV601 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
ADV601
–26–
REV. 0
DRAM Manager
The DRAM Manager provides a sorting and reordering func-
tion on the sub-band coded data between the Wavelet Kernel
and the Programmable Quantizer. The DRAM manager pro-
vides a pipeline delay stage to the ADV601. This pipeline lets
the ADV601 extract current field image statistics (min/max
pixel values, sum of pixel values, and sum of squares) used in
the calculation of Bin Widths and re-order wavelet transform
data. The use of current field statistics in the Bin Width calcula-
tion results in precise control over the compressed bit rate. The
DRAM manager manages the entire operation and refresh of the
DRAM.
The interface between the ADV601 DRAM manager and
DRAM is designed to be transparent to the user. The ADV601
DRAM pins should be connected to the DRAM as called out in
the Pin Function Descriptions section. The ADV601 requires
one 256K word by 16-bit, 60 ns DRAM. The following is a
selected list of manufacturers and part numbers. All parts can
be used with the ADV601 at all VCLK rates except where
noted. Any DRAM used with the ADV601 must meet the mini-
mum specifications outlined for the Hyper Mode DRAMs listed
in Table XIII. For DRAM Interface pins descriptions, see the
Pin Function Descriptions.
Table XIII. ADV601 Compatible DRAMs
Manufacturer
Part Number
Notes
Toshiba
TC514265DJ/DZ/DFT-60
None
NEC
µPD424210ALE-60
None
NEC
µPD42S4210ALE-60
CBR Self Refresh
feature of this prod-
uct is not needed by
the ADV601.
Hitachi
HM514265CJ-60
None
Compressed Data-Stream Definition
Through its Host Interface the ADV601 outputs (during en-
code) and receives (during decode) compressed digital video
data. This stream of data passing between the ADV601 and the
host is hierarchically structured and broken up into blocks of
data as shown in Figure 12. Table IV shows pseudo code for a
video data transfer that matches the transfer order shown in
Figure 12 and uses the code names shown in Table XVI. The
blocks of data listed in Figure 12 correspond to wavelet com-
pressed sections of each field illustrated in Figure 13 as a modified
Mallat diagram.
(CONTINUOUS STREAM OF FRAMES)
TIME
FRAME (N)
FRAME (N + 1)
FRAME (N + 2)
FRAME (N + M)
FIELD 2 SEQUENCE
FIELD 1 SEQUENCE
FIELD SEQUENCE STRUCTURE
FIRST BLOCK SEQUENCE
COMPLETE BLOCK SEQUENCE
VERTICAL INTERFACE TIME CODE
START OF FIELD 1 OR 2 CODE
FIRST BLOCK SEQUENCE STRUCTURE
DATA FOR MALLAT BLOCK 6
BIN WIDTH QUANTIZER CODE
SUB-BAND TYPE CODE
COMPLETE BLOCK SEQUENCE ORDER
(STREAM OF MALLAT
BLOCK SEQUENCES)
SEQUENCE FOR MALLAT BLOCK 3
SEQUENCE FOR MALLAT BLOCK 20
SEQUENCE FOR MALLAT BLOCK 9
COMPLETE BLOCK (INDIVIDUAL) SEQUENCE STRUCTURE
DATA FOR MALLAT BLOCK
BIN WIDTH QUANTIZER CODE
START OF BLOCK CODE
Figure 12. Hierarchical Structure of Wavelet Compressed Frame Data (Data Block Order)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com