| Electronic Components Datasheet Search |
|
ADV601 Datasheet(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV601 Datasheet(HTML) 30 Page - Analog Devices |
|
30 / 52 page ![]() ADV601 –30– REV. 0 Table XVII. ADV601 Field and Block Delimiters (Codes) Code Name Code Description (Align all #Delimiter Codes to 32-Bit Boundaries) #SOF1 0xffffffff40000000 Start of Field delimiter identifies Field1 data. #SOF1 resets the Huffman decoder and is sufficient on its own to reset the processing of the chip during decode. Please note that this code or #SOF2 are the only delimiters necessary between adjacent fields. #SOF1 operates identically to #SOF2 except that during decode it can be used to differentiate between Field1 and Field2 in the generation of the Field signal (master mode) and/or SAV/EAV codes for CCIR-656 modes. #SOF2 0xffffffff41000000 Start of Field delimiter identifies Field2 data. #SOF resets the Huffman decoder and is sufficient on its own to reset the processing of the chip during decode. Please note that this code or #SOF1 are the only delimiters necessary between adjacent fields. #SOF2 operates identically to #SOF1 except that during decode it can be used to differentiate between Field2 and Field1 in the generation of the Field signal (master mode) and/or SAV/EAV codes for CCIR-656 modes. <VITC> (96 bits) This is a 12-byte string of data extracted by the video interface during encode opera- tions and inserted by the video interface into the video data during decode operations. The data content is 90 bits in length. For a complete description of VITC format, see pages 175-178 of Video Demystified: A Handbook For The Digital Engineer (listed in References section). <TYPE1> 0x81 This is an 8-bit delimiter-less type code for the first sub-band block of wavelet data. (Model 1 Chroma) <TYPE2> 0x82 This is an 8-bit delimiter-less type code for the first sub-band block of wavelet data. (Model 1 Luma) <TYPE3> 0x83 This is an 8-bit delimiter-less type code for the first sub-band block of wavelet data. (Model 2 Chroma) <TYPE4> 0x84 This is an 8-bit delimiter-less type code for the first sub-band block of wavelet data. (Model 2 Luma) #SOB1 0xffffffff81 Start of Block delimiter identifies the start of Huffman coded sub-band data. This #SOB2 0xffffffff82 delimiter will reset the Huffman decoder if a system ever experiences bit errors or gets #SOB3 0xffffffff83 out of sync. The order of blocks in the frame is fixed and therefore implied in the bit #SOB4 0xffffffff84 stream and no unique #SOB delimiters are needed per block. There are 41 #SOB #SOB5 0xffffffff8f delimiters and associated BW and Huffman data within a field. #SOB1 is differenti- ated from #SOB2, #SOB3 and #SOB4 in that they indicate which model and Huffman table was used in the Run Length Coder for the particular block: #SOB1 Model 1 Chroma #SOB2 Model 1 Luma #SOB3 Model 2 Chroma #SOB4 Model 2 Luma #SOB5 Zero data block. All data after this delimiter and before the next start of block delimiter is ignored (if present at all) and assumed zero including the BW value. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |