Electronic Components Datasheet Search
  English  ▼

X  

ADV7123 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7123
Description  CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7123 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7123 Datasheet HTML 2Page - Analog Devices ADV7123 Datasheet HTML 3Page - Analog Devices ADV7123 Datasheet HTML 4Page - Analog Devices ADV7123 Datasheet HTML 5Page - Analog Devices ADV7123 Datasheet HTML 6Page - Analog Devices ADV7123 Datasheet HTML 7Page - Analog Devices ADV7123 Datasheet HTML 8Page - Analog Devices ADV7123 Datasheet HTML 9Page - Analog Devices ADV7123 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADV7123
–6–
REV. B
5 V TIMING SPECIFICATIONS
1
Parameter
Min
Typ
Max
Unit
Condition
ANALOG OUTPUTS
Analog Output Delay, t6
5.5
ns
Analog Output Rise/Fall Time, t7
4
1.0
ns
Analog Output Transition Time, t8
5
15
ns
Analog Output Skew, t9
6
12
ns
CLOCK CONTROL
fCLK
7
0.5
50
MHz
50 MHz Grade
fCLK
7
0.5
140
MHz
140 MHz Grade
fCLK
7
0.5
240
MHz
240 MHz Grade
Data and Control Setup, t1
0.5
ns
Data and Control Hold, t2
1.5
ns
Clock Pulsewidth High, t4
1.875
ns
fCLK_MAX = 240 MHz
Clock Pulsewidth Low t5
1.875
ns
fCLK_MAX = 240 MHz
Clock Pulsewidth High t4
2.85
ns
fCLK_MAX = 140 MHz
Clock Pulsewidth Low t5
2.85
ns
fCLK_MAX = 140 MHz
Clock Pulsewidth High t4
8.0
ns
fCLK_MAX = 50 MHz
Clock Pulsewidth Low t5
8.0
ns
fCLK_MAX = 50 MHz
Pipeline Delay, tPD
6
1.0
1.0
1.0
Clock Cycles
PSAVE Up Time, t
10
6
210
ns
NOTES
1Timing specifications are measured with input levels of 3.0 V (V
IH) and 0 V (VIL) 0 for both 5 V and 3.3 V supplies.
2These maximum and minimum specifications are guaranteed over this range.
3Temperature range: T
MIN to TMAX: –40
°C to +85°C at 50 MHz and 140 MHz, 0°C to 70°C at 240 MHz.
4Rise time was measured from the 10% to 90% point of zero to full-scale transition, fall time from the 90% to 10% point of a full-scale transition.
5Measured from 50% point of full-scale transition to 2% of final value.
6Guaranteed by characterization.
7f
CLK max specification production tested at 125 MHz; 5 V limits specified here are guaranteed by characterization.
Specifications subject to change without notice.
(VAA = 5 V
5%2, VREF = 1.235 V, RSET = 560
, CL = 10 pF. All specifications TMIN to TMAX
3,
unless otherwise noted, TJ MAX = 110 C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com