Electronic Components Datasheet Search
  English  ▼

X  

ADV7123 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7123
Description  CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7123 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7123 Datasheet HTML 9Page - Analog Devices ADV7123 Datasheet HTML 10Page - Analog Devices ADV7123 Datasheet HTML 11Page - Analog Devices ADV7123 Datasheet HTML 12Page - Analog Devices ADV7123 Datasheet HTML 13Page - Analog Devices ADV7123 Datasheet HTML 14Page - Analog Devices ADV7123 Datasheet HTML 15Page - Analog Devices ADV7123 Datasheet HTML 16Page - Analog Devices ADV7123 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADV7123
–13–
REV. B
CIRCUIT DESCRIPTION AND OPERATION
The ADV7123 contains three 10-bit D/A converters, with three
input channels, each containing a 10-bit register. Also integrated
on board the part is a reference amplifier. CRT control functions
BLANK and SYNC are integrated on board the ADV7123.
Digital Inputs
Thirty bits of pixel data (color information) R0–R9, G0–G9,
and B0–B9 are latched into the device on the rising edge of each
clock cycle. This data is presented to the three 10-bit DACs and
then converted to three analog (RGB) output waveforms. See
Figure 2.
CLOCK
DATA
ANALOG OUTPUTS
(IOR, IOG, IOB
IOR, IOG, IOB)
DIGITAL INPUTS
(R9–R0, G9–G0, B9–B0,
SYNC, BLANK)
Figure 2. Video Data Input/Output
The ADV7123 has two additional control signals that are
latched to the analog video outputs in a similar fashion.
BLANK
and
SYNC are each latched on the rising edge of CLOCK to
maintain synchronization with the pixel data stream.
The
BLANK and SYNC functions allow for the encoding of
these video synchronization signals onto the RGB video output.
This is done by adding appropriately weighted current sources
to the analog outputs, as determined by the logic levels on the
BLANK and SYNC digital inputs. Figure 3 shows the analog
output, RGB video waveform of the ADV7123. The influence of
SYNC and BLANK on the analog video waveform is illustrated.
Table I details the resultant effect on the analog outputs of
BLANK and SYNC.
All these digital inputs are specified to accept TTL logic levels.
Clock Input
The CLOCK input of the ADV7123 is typically the pixel clock
rate of the system. It is also known as the dot rate. The dot rate,
and thus the required CLOCK frequency, will be determined by
the on-screen resolution according to the following equation:
Dot Rate = (Horiz Res)
× (Vert Res) × (Refresh Rate)/
(Retrace Factor)
Horiz Res
=Number of Pixels/Line.
Vert Res
=Number of Lines/Frame.
Refresh Rate
=Horizontal Scan Rate. This is the rate at
which the screen must be refreshed,
typically 60 Hz for a noninterlaced system
or 30 Hz for an interlaced system.
Retrace Factor
=Total Blank Time Factor. This takes into
account that the display is blanked for a
certain fraction of the total duration of
each frame (e.g., 0.8).
Table I. Video Output Truth Table (RSET = 530
, RLOAD = 37.5
)
DAC
Description
IOG (mA)
IOG (mA)
IOR/IOB
IOR/IOB
SYNC
BLANK
Input Data
WHITE LEVEL
26.67
0
18.62
0
1
1
3FFH
VIDEO
Video + 8.05
18.62 – Video
Video
18.62 – Video
1
1
Data
VIDEO to
BLANK
Video
18.62 – Video
Video
18.62 – Video
0
1
Data
BLACK LEVEL
8.05
18.62
0
18.62
1
1
000H
BLACK to
BLANK
0
18.62
0
18.62
0
1
000H
BLANK LEVEL
8.05
18.62
0
18.62
1
0
xxxH
SYNC LEVEL
0
18.62
0
18.62
0
0
xxxH
RED, BLUE
GREEN
mA
V
mA
V
18.62
0.7
26.67
1.000
00
8.05
0.3
00
WHITE LEVEL
BLANK LEVEL
SYNC LEVEL
100 IRE
43 IRE
NOTES:
1. OUTPUTS CONNECTED TO A DOUBLY TERMINATED 75
LOAD.
2. VREF = 1.235V, RSET = 530 .
3. RS-343A LEVELS AND TOLERANCES ASSUMED ON ALL LEVELS.
Figure 3. RGB Video Output Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com