Electronic Components Datasheet Search
  English  ▼

X  

ADV7123 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7123
Description  CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7123 Datasheet(HTML) 4 Page - Analog Devices

  ADV7123 Datasheet HTML 1Page - Analog Devices ADV7123 Datasheet HTML 2Page - Analog Devices ADV7123 Datasheet HTML 3Page - Analog Devices ADV7123 Datasheet HTML 4Page - Analog Devices ADV7123 Datasheet HTML 5Page - Analog Devices ADV7123 Datasheet HTML 6Page - Analog Devices ADV7123 Datasheet HTML 7Page - Analog Devices ADV7123 Datasheet HTML 8Page - Analog Devices ADV7123 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADV7123
–4–
REV. B
5 V DYNAMIC SPECIFICATIONS
1
Parameter
Min
Typ
Max
Unit
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist
2
Single-Ended Output
fCLK = 50 MHz; fOUT = 1.00 MHz
67
dBc
fCLK = 50 MHz; fOUT = 2.51 MHz
67
dBc
fCLK = 50 MHz; fOUT = 5.04 MHz
63
dBc
fCLK = 50 MHz; fOUT = 20.2 MHz
55
dBc
fCLK = 100 MHz; fOUT = 2.51 MHz
62
dBc
fCLK = 100 MHz; fOUT = 5.04 MHz
60
dBc
fCLK = 100 MHz; fOUT = 20.2 MHz
54
dBc
fCLK = 100 MHz; fOUT = 40.4 MHz
48
dBc
fCLK = 140 MHz; fOUT = 2.51 MHz
57
dBc
fCLK = 140 MHz; fOUT = 5.04 MHz
58
dBc
fCLK = 140 MHz; fOUT = 20.2 MHz
52
dBc
fCLK = 140 MHz; fOUT = 40.4 MHz
41
dBc
Double-Ended Output
fCLK = 50 MHz; fOUT = 1.00 MHz
70
dBc
fCLK = 50 MHz; fOUT = 2.51 MHz
70
dBc
fCLK = 50 MHz; fOUT = 5.04 MHz
65
dBc
fCLK = 50 MHz; fOUT = 20.2 MHz
54
dBc
fCLK = 100 MHz; fOUT = 2.51 MHz
67
dBc
fCLK = 100 MHz; fOUT = 5.04 MHz
63
dBc
fCLK = 100 MHz; fOUT = 20.2 MHz
58
dBc
fCLK = 100 MHz; fOUT = 40.4 MHz
52
dBc
fCLK = 140 MHz; fOUT = 2.51 MHz
62
dBc
fCLK = 140 MHz; fOUT = 5.04 MHz
61
dBc
fCLK = 140 MHz; fOUT = 20.2 MHz
55
dBc
fCLK = 140 MHz; fOUT = 40.4 MHz
53
dBc
Spurious-Free Dynamic Range within a Window
Single-Ended Output
fCLK = 50 MHz; fOUT = 1.00 MHz; 1 MHz Span
77
dBc
fCLK = 50 MHz; fOUT = 5.04 MHz; 2 MHz Span
73
dBc
fCLK = 140 MHz; fOUT = 5.04 MHz; 4 MHz Span
64
dBc
Double-Ended Output
fCLK = 50 MHz; fOUT = 1.00 MHz; 1 MHz Span
74
dBc
fCLK = 50 MHz; fOUT = 5.00 MHz; 2 MHz Span
73
dBc
fCLK = 140 MHz; fOUT = 5.00 MHz; 4 MHz Span
60
dBc
Total Harmonic Distortion
fCLK = 50 MHz; fOUT = 1.00 MHz
TA = 25
°C66
dBc
TMIN to TMAX
65
dBc
fCLK = 50 MHz; fOUT = 2.00 MHz
64
dBc
fCLK = 100 MHz; fOUT = 2.00 MHz
63
dBc
fCLK = 140 MHz; fOUT = 2.00 MHz
55
dBc
DAC PERFORMANCE
Glitch Impulse
10
pVs
DAC Crosstalk
3
23
dB
Data Feedthrough4, 5
22
dB
Clock Feedthrough
4, 5
33
dB
NOTES
1These maximum/minimum specifications are guaranteed by characterization over the 4.75 V to 5.25 V range.
2Note that the ADV7123 exhibits high performance when operating with an internal voltage reference, V
REF.
3DAC to DAC Crosstalk is measured by holding one DAC high while the other two are making low to high and high to low transitions.
4Clock and data feedthrough is a function of the amount of overshoot and undershoot on the digital inputs. Glitch impulse includes clock and data feedthrough.
5TTL input values are 0 V to 3 V, with input rise/fall times of –3 ns, measured from the 10% and 90% points. Timing reference points are 50% for inputs and outputs.
Specifications subject to change without notice.
(VAA = 5 V
5%
1, V
REF = 1.235 V, RSET = 560
, CL = 10 pF. All specifications are
TA = 25 C, unless otherwise noted, TJ MAX = 110 C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com