Electronic Components Datasheet Search
  English  ▼

X  

ADV7152LS85 Datasheet(PDF) 27 Page - Analog Devices

Part # ADV7152LS85
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7152LS85 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV7152LS85 Datasheet HTML 23Page - Analog Devices ADV7152LS85 Datasheet HTML 24Page - Analog Devices ADV7152LS85 Datasheet HTML 25Page - Analog Devices ADV7152LS85 Datasheet HTML 26Page - Analog Devices ADV7152LS85 Datasheet HTML 27Page - Analog Devices ADV7152LS85 Datasheet HTML 28Page - Analog Devices ADV7152LS85 Datasheet HTML 29Page - Analog Devices ADV7152LS85 Datasheet HTML 30Page - Analog Devices ADV7152LS85 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADV7152
–27–
REV. B
APPENDIX 4
MULTIPLE PALETTE APPLICATIONS
Palette Priority Select Inputs
The palette priority selection inputs allow up to four separate
palette devices to be used in a single system to drive a single
monitor. The IOR, IOG and IOB analog video output signals of
each device are connected together, as shown. Signal inputs
(PS0, PS1) determine on a pixel by pixel basis which palette
device drives the monitor. This allows for implementation of
multiple windows applications with each device acting as an
independent palette. During initialization, each device is as-
signed two match bits, MR16 (PS0) and MR17 (PS1) in Mode
Register MR1. PS0 and PS1 inputs will select one of the prepro-
grammed devices at any instant when PS0, PS1 matches MR16,
MR17, respectively. When PS0 and PS1 do not match these
bits, the DACs of the particular device are shut down, driving
RGB outputs to 0 mA. PS0 and PS1 are multiplexed similar to
the pixel data, thus allowing for subpixel resolution. The dia-
grams show an example of one ADV7152 operating in conjunc-
tion with three ADV7151’s (Pseudo-Color RAM-DACs). Each
displayed window on the monitor is driven by one of the four
devices. Each device’s analog output signals are connected to-
gether as shown.
Note: Only one palette device is selected at any particular
instant. The analog output levels of the unselected devices will
be 0 mA.
Other applications for the palette priority function using a mini-
mum of two devices (two ADV7152s or one ADV7152 and one
ADV7151) include:
Cursor Overlay on 24-Bit Graphics
Active Live Video Overlay (from Frame Grabber)
Text/Character Generation and Overlay
Z
S = 75Ω
DACs
Z
O =75Ω
Z
L = 75Ω
(CABLE)
(MONITOR)
(SOURCE
TERMINATION)
DACs
IOR, IOG, IOB
(DEVICE: 2)
(DEVICE: 1)
IOR, IOG, IOB
Multiple Devices Termination for a Single Monitor
ADV7152
ADV7151 (1)
256 x 30
RAM
256 x 30
PALETTE
PALETTE SELECT BITS
RGB
ANALOG
VIDEO
RGB
ANALOG
VIDEO
VIDEO TO MONITOR
PS0, PS1
256 x 30
PALETTE
RGB
ANALOG
VIDEO
RGB
ANALOG
VIDEO
ADV7151 (2)
ADV7151 (3)
R0–R7
G0–G7
B0–B7
WINDOW 1
(Pseudo-Color)
PS0 = 0: PS1 = 1
WINDOW 3
(Pseudo-Color)
PS0 = 1: PS1 = 1
MONITOR
WINDOW 2
(Pseudo-Color)
PS0 = 1: PS1 = 0
TRUE-COLOR BACKGROUND
PS0 = 0: PS1 = 0
MR16 MR17
0
0
PALETTE SELECT BITS
MR16 MR17
0
1
PALETTE SELECT BITS
MR16 MR17
1
0
PALETTE SELECT BITS
MR16 MR17
1
1
256 x 30
PALETTE
P0–P7
Multiple Devices Driving a Multiwindow Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com