Electronic Components Datasheet Search
  English  ▼

X  

ADV7177 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7177
Description  Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7177 Datasheet(HTML) 2 Page - Analog Devices

  ADV7177 Datasheet HTML 1Page - Analog Devices ADV7177 Datasheet HTML 2Page - Analog Devices ADV7177 Datasheet HTML 3Page - Analog Devices ADV7177 Datasheet HTML 4Page - Analog Devices ADV7177 Datasheet HTML 5Page - Analog Devices ADV7177 Datasheet HTML 6Page - Analog Devices ADV7177 Datasheet HTML 7Page - Analog Devices ADV7177 Datasheet HTML 8Page - Analog Devices ADV7177 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
–2–
REV. 0
ADV7177/ADV7178–SPECIFICATIONS
(VAA = +5 V
5%1, VREF = 1.235 V, RSET = 300
. All specifications TMIN to TMAX
2 unless otherwise noted.)
Parameter
Conditions
1
Min
Typ
Max
Units
STATIC PERFORMANCE
3
Resolution (Each DAC)
9
Bits
Accuracy (Each DAC)
Integral Nonlinearity
±1.0
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1.0
LSB
DIGITAL INPUTS
3
Input High Voltage, VINH
2V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
4
VIN = 0.4 V or 2.4 V
±1
µA
Input Current, IIN
5
VIN = 0.4 V or 2.4 V
±50
µA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
3
Output High Voltage, VOH
ISOURCE = 400
µA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Three-State Leakage Current
10
µA
Three-State Output Capacitance
10
pF
ANALOG OUTPUTS
3
Output Current
6
RSET = 300
Ω, R
L = 75
Ω
16.5
17.35
18.5
mA
Output Current
7
5mA
DAC-to-DAC Matching
0.6
5
%
Output Compliance, VOC
0
+1.4
V
Output Impedance, ROUT
15
k
Ω
Output Capacitance, COUT
IOUT = 0 mA
30
pF
VOLTAGE REFERENCE3
Reference Range, VREF
IVREFOUT = 20
µA
1.112
1.235
1.359
V
POWER REQUIREMENTS
3, 8
VAA
4.75
5.0
5.25
V
Low Power Mode
IDAC (max)
9
62
mA
IDAC (min)
9
25
mA
ICCT
10
100
150
mA
Power Supply Rejection Ratio
COMP = 0.1
µF
0.01
0.5
%/%
NOTES
11The max/min specifications are guaranteed over this range. The max/min values are typical over 4.75 V to 5.25 V.
12Temperature range T
MIN to TMAX: 0°C to +70°C.
13Guaranteed by characterization.
14All digital input pins except pins
RESET, OSD0 and CLOCK.
15Excluding all digital input pins except pins
RESET, OSD0 and CLOCK.
16Full drive into 75
Ω load.
17Minimum drive current (used with buffered/scaled output load).
18Power measurements are taken with Clock Frequency = 27 MHz. Max T
J = 110°C.
19I
DAC is the total current (min corresponds to 5 mA output per DAC, max corresponds to 18.5 mA output per DAC) to drive all three DACs. Turning off individual
DACs reduces IDAC correspondingly.
10I
CCT (Circuit Current) is the continuous current required to drive the device.
Specifications subject to change without notice.
5 V SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com