Electronic Components Datasheet Search
  English  ▼

X  

ADV7177 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7177
Description  Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7177 Datasheet(HTML) 3 Page - Analog Devices

  ADV7177 Datasheet HTML 1Page - Analog Devices ADV7177 Datasheet HTML 2Page - Analog Devices ADV7177 Datasheet HTML 3Page - Analog Devices ADV7177 Datasheet HTML 4Page - Analog Devices ADV7177 Datasheet HTML 5Page - Analog Devices ADV7177 Datasheet HTML 6Page - Analog Devices ADV7177 Datasheet HTML 7Page - Analog Devices ADV7177 Datasheet HTML 8Page - Analog Devices ADV7177 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
–3–
REV. 0
ADV7177/ADV7178
Parameter
Conditions
1
Min
Typ
Max
Units
STATIC PERFORMANCE
3
Resolution (Each DAC)
9
Bits
Accuracy (Each DAC)
Integral Nonlinearity
±0.5
LSB
Differential Nonlinearity
Guaranteed Monotonic
±0.5
LSB
DIGITAL INPUTS
Input High Voltage, VINH
2V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
3, 4
VIN = 0.4 V or 2.4 V
±1
µA
Input Current, IIN
3, 5
VIN = 0.4 V or 2.4 V
±50
µA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 400 µA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Three-State Leakage Current
3
10
µA
Three-State Output Capacitance
3
10
pF
ANALOG OUTPUTS3
Output Current
6, 7
RSET = 300
Ω, R
L = 75
Ω
16.5
17.35
18.5
mA
Output Current
8
5mA
DAC-to-DAC Matching
2.0
%
Output Compliance, VOC
0
+1.4
V
Output Impedance, ROUT
15
k
Ω
Output Capacitance, COUT
IOUT = 0 mA
30
pF
POWER REQUIREMENTS
3, 9
VAA
3.0
3.3
3.6
V
Normal Power Mode
IDAC (max)
10
RSET = 300
Ω, R
L = 150
Ω
113
116
mA
IDAC (min)
10
15
mA
ICCT
9
45
mA
Low Power Mode
IDAC (max)
10
60
mA
IDAC (min)
10
25
mA
ICCT
11
45
mA
Power Supply Rejection Ratio
COMP = 0.1
µF
0.01
0.5
%/%
NOTES
11The max/min specifications are guaranteed over this range. The max/min values are typical over 3.0 V to 3.6 V.
12Temperature range T
MIN to TMAX: 0°C to +70°C.
13Guaranteed by characterization.
14All digital input pins except pins
RESET, OSD0 and CLOCK.
15Excluding all digital input pins except pins
RESET, OSD0 and CLOCK.
16Full drive into 75
Ω load.
17DACs can output 35 mA typically at 3.3 V (R
SET = 150 Ω and RL = 75 Ω), optimum performance obtained at 18 mA DAC current (R SET = 300 Ω and RL = 150 Ω).
18Minimum drive current (used with buffered/scaled output load).
19Power measurements are taken with Clock Frequency = 27 MHz. Max T
J = 110°C.
10I
DAC is the total current (min corresponds to 5 mA output per DAC, max corresponds to 38 mA output per DAC) to drive all three DACs. Turning off individual
DACs reduces IDAC correspondingly.
11I
CCT (Circuit Current) is the continuous current required to drive the device.
Specifications subject to change without notice.
3.3 V SPECIFICATIONS (V
AA = +3.0 V–3.6 V
1, V
REF = 1.235 V, RSET = 300
. All specifications TMIN to TMAX
2 unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com