Electronic Components Datasheet Search
  English  ▼

X  

RT7231 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7231
Description  4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7231 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7231 Datasheet HTML 1Page - Richtek Technology Corporation RT7231 Datasheet HTML 2Page - Richtek Technology Corporation RT7231 Datasheet HTML 3Page - Richtek Technology Corporation RT7231 Datasheet HTML 4Page - Richtek Technology Corporation RT7231 Datasheet HTML 5Page - Richtek Technology Corporation RT7231 Datasheet HTML 6Page - Richtek Technology Corporation RT7231 Datasheet HTML 7Page - Richtek Technology Corporation RT7231 Datasheet HTML 8Page - Richtek Technology Corporation RT7231 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RT7231/32/33/34
®
DS7231/32/33/34-00
March 2013
www.richtek.com
1
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
General Description
The RT7231/32/33/34 is a synchronous step-down DC/
DC converter with Advanced Constant On-Time (ACOTTM)
mode control. It achieves high power density to deliver up
to 4A output current from a 4.5V to 18V input supply. The
proprietary ACOTTM mode offers an optimal transient
response over a wide range of loads and all kinds of ceramic
capacitors, which allows the device to adopt very low ESR
output capacitor for ensuring performance stabilization. In
addition, RT7231/32/33/34 keeps an excellent constant
switching frequency under line and load variation and the
integrated synchronous power switches with the ACOTTM
mode operation provides high efficiency in whole output
current load range. Cycle-by-cycle current limit provides
an accurate protection by a valley detection of low side
MOSFET and external soft-start setting eliminates input
current surge during startup. Protection functions include
thermal shutdown for RT7231/32/33/34, output Under
Voltage Protection (UVP) / Over Voltage Protection (OVP)
for RT7231/32. When the UVP/OVP is triggered, the device
will enter latch mode for TSSOP-14 (Exposed Pad), and
hiccup mode for WDFN-10L 3x3.
The RT7231/32 are available in TSSOP-14 (Exposed Pad)
and WDFN-10L 3x3 packages, and the RT7231 is operated
in forced continuous conduction mode.
The RT7233/34 are available in the SOP-8 (Exposed Pad)
package, and the RT7233 is operated in forced continuous
conduction mode.
Features
ACOTTM Mode Enables Fast Transient Response
4.5V to 18V Input Voltage Range
4A Output Current
50m
Ω
Ω
Ω
Ω
Ω Internal Low Site N-MOSFET
Advanced Constant On-Time Control
Support All Ceramic Capacitors
Up to 95% Efficiency
650kHz Switching Frequency at all Load Current
(RT7231, RT7233)
Discontinuous Operating Mode at Light Load
(RT7232, RT7234)
Adjustable Output Voltage from 0.765V to 8V
Adjustable Soft-Start
Cycle-by-Cycle Current Limit
Input Under Voltage Lockout
Thermal Shutdown
RoHS Compliant and Halogen Free
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs
Simplified Application Circuit
4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
* : VCC pin for TSSOP-14 (Exposed Pad) only.
VS pin for TSSOP-14 (Exposed Pad) only.
GND pin for TSSOP-14 (Exposed Pad) only.
PGOOD pin for TSSOP-14 (Exposed Pad) and WDFN-10L 3x3 only.
PGOOD*
RT7231/32/33/34
VREG5
FB
VCC*
VIN
BOOT
SW
SS
VOUT
VIN
GND*
PGND
EN
Enable
Power GOOD
VS*


Similar Part No. - RT7231

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7231GQW RICHTEK-RT7231GQW Datasheet
661Kb / 12P
Evaluation Board
More results

Similar Description - RT7231

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7235 RICHTEK-RT7235 Datasheet
302Kb / 18P
5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7274 RICHTEK-RT7274 Datasheet
346Kb / 22P
2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
logo
Diodes Incorporated
AP65452 DIODES-AP65452 Datasheet
1Mb / 13P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2017
AP65454 DIODES-AP65454 Datasheet
1Mb / 13P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2017
AP65455 DIODES-AP65455 Datasheet
1Mb / 15P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2018
logo
Richtek Technology Corp...
RT6206B RICHTEK-RT6206B Datasheet
264Kb / 15P
5.5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com