Electronic Components Datasheet Search
  English  ▼

X  

RT7231 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7231
Description  4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7231 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7231 Datasheet HTML 1Page - Richtek Technology Corporation RT7231 Datasheet HTML 2Page - Richtek Technology Corporation RT7231 Datasheet HTML 3Page - Richtek Technology Corporation RT7231 Datasheet HTML 4Page - Richtek Technology Corporation RT7231 Datasheet HTML 5Page - Richtek Technology Corporation RT7231 Datasheet HTML 6Page - Richtek Technology Corporation RT7231 Datasheet HTML 7Page - Richtek Technology Corporation RT7231 Datasheet HTML 8Page - Richtek Technology Corporation RT7231 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RT7231/32/33/34
3
DS7231/32/33/34-00
March 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
TSSOP-14
(Exposed Pad)
WDFN-10L 3x3
SOP-8
(Exposed Pad)
Pin Name
Pin Function
1
--
--
VS
Output Voltage Sense Input.
2
2
2
FB
Feedback Voltage Input. It is used to regulate the
output of the converter to a set value via an external
resistive voltage divider. The feedback threshold
voltage is 0.765V typically.
3
3
3
VREG5
Internal Regulator Output. Connect a 1
μF capacitor
to GND to stabilize output voltage.
4
4
4
SS
Soft-Start Time Setting. Connect an external capacitor
between this pin and GND to set the soft- start time.
5
--
--
GND
Analog Ground.
6
5
--
PGOOD
Open Drain Power Good Indicator Output.
7
1
1
EN
Enable Control Input. A logic-high enables the
converter; a logic-low forces the IC into shutdown
mode reducing the supply current to less than 10
μA.
8, 9, 15
(Exposed pad)
11
(Exposed pad)
5, 9
(Exposed Pad)
PGND
Power Ground. The exposed pad must be soldered
to a large PCB and connected to PGND for
maximum power dissipation.
10, 11
6, 7
6
SW
Switch Node. Connect this pin to an external L-C
filter.
12
8
7
BOOT
Bootstrap Supply for High Side Gate Driver. Connect
a 0.1
μF capacitor between the BOOT and SW pin.
13
9, 10
8
VIN
Power Input. The input voltage range is from 4.5V to
18V. Must bypass with a suitably large (
≥10μF x 2)
ceramic capacitor.
14
--
--
VCC
Supply Voltage Input for Internal Linear Regulator to
the Control Circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com