Electronic Components Datasheet Search
  English  ▼

X  

RT7231 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT7231
Description  4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7231 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT7231 Datasheet HTML 10Page - Richtek Technology Corporation RT7231 Datasheet HTML 11Page - Richtek Technology Corporation RT7231 Datasheet HTML 12Page - Richtek Technology Corporation RT7231 Datasheet HTML 13Page - Richtek Technology Corporation RT7231 Datasheet HTML 14Page - Richtek Technology Corporation RT7231 Datasheet HTML 15Page - Richtek Technology Corporation RT7231 Datasheet HTML 16Page - Richtek Technology Corporation RT7231 Datasheet HTML 17Page - Richtek Technology Corporation RT7231 Datasheet HTML 18Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
RT7231/32/33/34
16
DS7231/32/33/34-00
March 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
1.000
1.200
0.039
0.047
A1
0.000
0.150
0.000
0.006
A2
0.800
1.050
0.031
0.041
b
0.190
0.300
0.007
0.012
D
4.900
5.100
0.193
0.201
e
0.650
0.026
E
6.300
6.500
0.248
0.256
E1
4.300
4.500
0.169
0.177
L
0.450
0.750
0.018
0.030
U
1.900
2.900
0.075
0.114
V
1.600
2.600
0.063
0.102
14-Lead TSSOP (Exposed Pad) Plastic Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com