Electronic Components Datasheet Search
  English  ▼

X  

ADV7191KST Datasheet(PDF) 42 Page - Analog Devices

Part # ADV7191KST
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7191KST Datasheet(HTML) 42 Page - Analog Devices

Back Button ADV7191KST Datasheet HTML 38Page - Analog Devices ADV7191KST Datasheet HTML 39Page - Analog Devices ADV7191KST Datasheet HTML 40Page - Analog Devices ADV7191KST Datasheet HTML 41Page - Analog Devices ADV7191KST Datasheet HTML 42Page - Analog Devices ADV7191KST Datasheet HTML 43Page - Analog Devices ADV7191KST Datasheet HTML 44Page - Analog Devices ADV7191KST Datasheet HTML 45Page - Analog Devices ADV7191KST Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
ADV7190/ADV7191
–42–
REV. 0
GAMMA CORRECTION REGISTERS 0–13
(GAMMA CORRECTION 0–13)
(Address (SR5–SR0) = 26H–32H)
The Gamma Correction Registers are fourteen 8-bit-wide regis-
ters. They are used to program the gamma correction Curves A
and B.
Gamma correction is applied to compensate for the nonlinear
relationship between signal input and brightness level output (as
perceived on the CRT). It can also be applied wherever nonlin-
ear processing is used.
Gamma correction uses the function:
SignalOUT = (SignalIN )γ
where
γ = gamma power factor
Gamma correction is performed on the luma data only. The
user has the choice to use two different curves, Curve A, or
Curve B. At any one time only one of these curves can be used.
The response of the curve is programmed at seven predefined
locations. In changing the values at these locations the gamma
curve can be modified. Between these points linear interpolation
is used to generate intermediate values. Considering the curve
to have a total length of 256 points, the seven locations are at:
32, 64, 96, 128, 160, 192, and 224.
Values at Location 0, 16, 240, and 255 are fixed and cannot be
changed.
For the length of 16 to 240 the gamma correction curve has to
be calculated as below:
y = xγ
where
y = gamma corrected output
x = linear input signal
γ = gamma power factor
To program the gamma correction registers, the seven values for
y have to be calculated using the following formula:
yn = [x(n–16) /(240–16) ]γ
× (240–16) + 16
where
x(n-16) = Value for x along x-axis
yn
=
Value for y along the y-axis, which has to be written
into the gamma correction register
n
= 32, 64, 96, 128, 160, 192, or 224
Example:
y32 = [(16/224)
0
.5 × 224] + 16 = 76*
y64 = [(48/224)
0
.5 × 224] + 16 =120*
y96 = [(80/224)
0
.5 × 224] + 16 = 150*
y128 = [(112/224)
0
.5 × 224] + 16 = 174*
*Rounded to the nearest integer.
The above will result in a gamma curve shown below, assuming
a ramp signal as an input.
250
200
150
100
50
0
300
250
200
150
100
50
300
SIGNAL OUTPUT
SIGNAL INPUT
0.5
GAMMA CORRECTION BLOCK OUTPUT
TO A RAMP INPUT
0
50
100
150
200
250
LOCATION
Figure 85. Signal Input (Ramp) and Signal Output for
Gamma 0.5
250
200
150
100
50
0
300
SIGNAL OUTPUTS
SIGNAL
INPUT
0.5
GAMMA CORRECTION BLOCK OUTPUT
TO A RAMP INPUT FOR VARIOUS GAMMA VALUES
0
50
100
150
200
250
LOCATION
0.3
1.5
1.8
Figure 86. Signal Input (Ramp) and Selectable Gamma
Output Curves
The gamma curves shown above are examples only, any user-
defined curve is acceptable in the range of 16–240.
DNR27
DNR26
DNR25
DNR24
DNR23
DNR22
DNR21
DNR20
BLOCK OFFSET
DNR DNR DNR DNR
27
26
25
24
0000
0 PIXEL OFFSET
0001
1 PIXEL OFFSET
0010
2 PIXEL OFFSET
••••
•
••••
•
••••
•
1101
13 PIXEL OFFSET
1110
14 PIXEL OFFSET
1111
15 PIXEL OFFSET
DNR INPUT SELECT
DNR DNR DNR
22
21
20
0
0
1
FILTER A
0
1
0
FILTER B
0
1
1
FILTER C
1
0
0
FILTER D
0
DNR MODE
1
DNR
SHARPNESS
MODE
DNR23
DNR MODE
CONTROL
Figure 84. DNR Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com