Electronic Components Datasheet Search
  English  ▼

X  

ADV7191KST Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7191KST
Description  Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7191KST Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7191KST Datasheet HTML 9Page - Analog Devices ADV7191KST Datasheet HTML 10Page - Analog Devices ADV7191KST Datasheet HTML 11Page - Analog Devices ADV7191KST Datasheet HTML 12Page - Analog Devices ADV7191KST Datasheet HTML 13Page - Analog Devices ADV7191KST Datasheet HTML 14Page - Analog Devices ADV7191KST Datasheet HTML 15Page - Analog Devices ADV7191KST Datasheet HTML 16Page - Analog Devices ADV7191KST Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
ADV7190/ADV7191
–13–
REV. 0
Table I. Luminance Internal Filter Specifications (4
Oversampling)
Passband
3 dB Bandwidth
2
Stopband
Stopband
Filter Type
Filter Selection
Ripple
1 (dB)
(MHz)
Cutoff
3 (MHz)
Attentuation
4 (dB)
MR04 MR03 MR02
Low-Pass (NTSC)
0
0
0
0.16
4.24
6.05
–75.2
Low-Pass (PAL)
0
0
1
0.1
4.81
6.41
–64.6
Notch (NTSC)
0
1
0
0.09
2.3/4.9/6.6
8.03
–87.3
Notch (PAL)
0
1
1
0.1
3.1/5.6/6.4
8.02
–79.7
Extended (SSAF)
1
0
0
0.04
6.45
8.03
–86.6
CIF
1
0
1
0.127
3.02
5.09
–62.6
QCIF
1
1
0
Monotonic
1.5
3.74
–88.2
NOTES
1Passband ripple is defined to be fluctuations from the 0 dB response in the passband, measured in (dB). The passband is defined to have 0-fc frequency limits for a
low-pass filter, 0–f1 and f2–infinity for a notch filter, where fc, f1, f2 are the –3 dB points.
23 dB bandwidth refers to the –3 dB cutoff frequency.
3Stopband cutoff refers to the frequency at the attenuation point referred to under Note 4.
4Stopband Attenuation refers to the attenuation point (dB) at the frequency referred to under Note 3.
Table II. Chrominance Internal Filter Specifications (4
Oversampling)
Passband
3 dB Bandwidth
2
Stopband
Stopband
Filter Type
Filter Selection
Ripple
1 (dB)
(MHz)
Cutoff
3 (MHz)
Attentuation
4 (dB)
MR07 MR06 MR05
1.3 MHz Low-Pass
0
0
0
0.09
1.395
2.46
–83.9
0.65 MHz Low-Pass
0
0
1
Monotonic
0.65
2.41
–71.1
1.0 MHz Low-Pass
0
1
0
Monotonic
1.0
1.89
–64.43
2.0 MHz Low-Pass
0
1
1
0.048
2.2
3.1
–65.9
3.0 MHz Low-Pass
1
0
0
Monotonic
3.2
5.3
–84.5
CIF
1
0
1
Monotonic
0.65
2.41
–71.1
QCIF
1
1
0
Monotonic
0.5
1.75
–33.1
NOTES
1Passband ripple is defined to be fluctuations from the 0 dB response in the passband, measured in (dB). The passband is defined to have 0-fc frequency limits for a
low-pass filter, 0–f1 and f2–infinity for a notch filter, where fc, f1, f2 are the –3 dB points.
23 dB bandwidth refers to the –3 dB cutoff frequency.
3Stopband cutoff refers to the frequency at the attenuation point referred to under Note 4.
4Stopband Attenuation refers to the attenuation point (dB) at the frequency referred to under Note 3.
Each DAC can be individually powered off if not required. A
complete description of DAC output configurations is given in
the MR2 Bit Description section.
Video output levels are illustrated in Appendix 9.
INTERNAL FILTER RESPONSE
The Y Filter supports several different frequency responses
including two low-pass responses, two notch responses, an
Extended (SSAF) response with or without gain boost/attenuation,
a CIF response and a QCIF response. The UV Filter supports
several different frequency responses including five low-pass
responses, a CIF response and a QCIF response, as can be seen on
the following pages.
In Extended Mode there is the option of twelve responses in
the range from –4 dB to +4 dB. The desired response can be
chosen by the user by programming the correct value via the
I
2C. The variation of frequency responses can be seen on the
following pages. For more detailed plots refer to AN-562
Analog Devices’ Application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com