Electronic Components Datasheet Search
  English  ▼

X  

VLF10045 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # VLF10045
Description  3A, 36V, 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VLF10045 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  VLF10045 Datasheet HTML 1Page - Richtek Technology Corporation VLF10045 Datasheet HTML 2Page - Richtek Technology Corporation VLF10045 Datasheet HTML 3Page - Richtek Technology Corporation VLF10045 Datasheet HTML 4Page - Richtek Technology Corporation VLF10045 Datasheet HTML 5Page - Richtek Technology Corporation VLF10045 Datasheet HTML 6Page - Richtek Technology Corporation VLF10045 Datasheet HTML 7Page - Richtek Technology Corporation VLF10045 Datasheet HTML 8Page - Richtek Technology Corporation VLF10045 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT7272B
4
DS7272B-01
January 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Electrical Characteristics
(VIN = 12V, CIN = 20
μF, TA = 25°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -----------------------------------------------------------------------------------------
−0.3V to 40V
Switch Voltage, SW ------------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
VBOOT
− VSW ---------------------------------------------------------------------------------------------------------- −0.3V to 6V
Other Pins Voltage --------------------------------------------------------------------------------------------------
−0.3V to 40V
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) --------------------------------------------------------------------------------------------- 2.041W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA ---------------------------------------------------------------------------------------- 49°C/W
SOP-8 (Exposed Pad),
θJC --------------------------------------------------------------------------------------- 15°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------- 4.5V to 36V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Supply Current
VEN = 0V
--
0.5
3
μA
Quiescent Current
IQ
VEN = 3V, VFB = 0.9V
--
0.9
1.2
mA
Feedback Reference
Voltage
VREF
4.5V
≤ VIN ≤ 36V
0.788
0.8
0.812
V
High Side Switch
On-Resistance
RDS(ON)1
--
150
--
m
Ω
Low Side Switch
On-Resistance
RDS(ON)2
--
80
--
m
Ω
High Side Switch Leakage
Current
VEN = 0V, VSW = 0V
--
0
10
μA
Upper Switch Current Limit
Range
UOC
2
--
6.3
A
Min. Duty Cycle, RLIM = 57.6kΩ
1.9
2.5
3.1
Min. Duty Cycle, RLIM = 84.5kΩ
2.7
3.5
4.2
Upper Switch Current Limit
UOC
(Note 5)
Min. Duty Cycle, RLIM = 137kΩ
4.5
5.5
6.5
A
Lower Switch Current Limit
From Drain to Source
--
1.5
--
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com