Electronic Components Datasheet Search
  English  ▼

X  

VLF10045 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # VLF10045
Description  3A, 36V, 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VLF10045 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  VLF10045 Datasheet HTML 1Page - Richtek Technology Corporation VLF10045 Datasheet HTML 2Page - Richtek Technology Corporation VLF10045 Datasheet HTML 3Page - Richtek Technology Corporation VLF10045 Datasheet HTML 4Page - Richtek Technology Corporation VLF10045 Datasheet HTML 5Page - Richtek Technology Corporation VLF10045 Datasheet HTML 6Page - Richtek Technology Corporation VLF10045 Datasheet HTML 7Page - Richtek Technology Corporation VLF10045 Datasheet HTML 8Page - Richtek Technology Corporation VLF10045 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT7272B
3
DS7272B-01
January 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Operation
The RT7272B is a constant frequency, current mode
synchronous step-down converter. In normal operation,
the high side N-MOSFET is turned on when the S-R latch
is set by the oscillator and is turned off when the current
comparator resets the S-R latch. While the high side
N-MOSFET is turned off, the low side N-MOSFET is turned
on to conduct the inductor current until next cycle begins.
Error Amplifier
The error amplifier adjusts its output voltage by comparing
the feedback signal (VFB) with the internal 0.8V reference.
When the load current increases, it causes a drop in the
feedback voltage relative to the reference. The error
amplifier's output voltage then rises to allow higher inductor
current to match the load current.
Oscillator
The internal oscillator runs at fixed frequency 500kHz. In
short circuit condition, the frequency is reduced to 75kHz
for low power consumption.
Internal Regulator
The regulator provides low voltage power to supply the
internal control circuits and the bootstrap power for high
side gate driver.
Enable
The converter is turned on when the EN pin is higher than
2V. When the EN pin is lower than 0.4V, the converter will
enter shutdown mode and reduce the supply current to
0.5
μA.
Soft-Start (SS)
An internal current source charges an internal capacitor
to build a soft-start ramp voltage. The FB voltage will track
the internal ramp voltage during soft-start interval. The
typical soft-start time is 2ms.
Current Setting
The current limit of high side MOSFET is adjustable by
an external resistor connected to the RLIM pin. The current
limit range is from 2A to 6A. When the inductor current
reaches the current limit threshold, the COMP voltage
will be clamped to limit the inductor current.
UV Comparator
If the feedback voltage (VFB) is lower than 0.4V, the UV
Comparator will go high to turn off the high side MOSFET.
The output under voltage protection is designed to operate
in Hiccup mode. When the UV condition is removed, the
converter will resume switching.
Thermal shutdown
The over temperature protection function will shut down
the switching operation when the junction temperature
exceeds 150
°C. Once the junction temperature cools
down by approximately 20
°C, the converter will
automatically resume switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com