Electronic Components Datasheet Search
  English  ▼

X  

VLF10045 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # VLF10045
Description  3A, 36V, 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VLF10045 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button VLF10045 Datasheet HTML 3Page - Richtek Technology Corporation VLF10045 Datasheet HTML 4Page - Richtek Technology Corporation VLF10045 Datasheet HTML 5Page - Richtek Technology Corporation VLF10045 Datasheet HTML 6Page - Richtek Technology Corporation VLF10045 Datasheet HTML 7Page - Richtek Technology Corporation VLF10045 Datasheet HTML 8Page - Richtek Technology Corporation VLF10045 Datasheet HTML 9Page - Richtek Technology Corporation VLF10045 Datasheet HTML 10Page - Richtek Technology Corporation VLF10045 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT7272B
7
DS7272B-01
January 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Typical Operating Characteristics
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 36V
VOUT = 3.3V
Reference vs. Temperature
0.790
0.795
0.800
0.805
0.810
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 3.3V, IOUT = 0.3A
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 36V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
Output Current (A)
VOUT = 3.3V
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 36V
Output Voltage vs. Output Current
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.36
3.37
3.38
00.5
11.5
22.5
3
Output Current (A)
VOUT = 3.3V, IOUT = 0.1A to 3A
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 36V
Switching Frequency vs. Input Voltage
450
455
460
465
470
475
480
485
490
495
500
4
8
12
16
20
24
28
32
36
Input Voltage (V)
VOUT = 3.3V, IOUT = 0.3A
Reference Voltage vs. Input Voltage
0.790
0.793
0.795
0.798
0.800
0.803
0.805
0.808
0.810
2
9.6
17.2
24.8
32.4
40
Input Voltage(V)
VIN = 4.5V to 36V, VOUT = 3.3V, IOUT = 0.3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com