Electronic Components Datasheet Search
  English  ▼

X  

RT8036 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8036
Description  One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8036 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8036 Datasheet HTML 4Page - Richtek Technology Corporation RT8036 Datasheet HTML 5Page - Richtek Technology Corporation RT8036 Datasheet HTML 6Page - Richtek Technology Corporation RT8036 Datasheet HTML 7Page - Richtek Technology Corporation RT8036 Datasheet HTML 8Page - Richtek Technology Corporation RT8036 Datasheet HTML 9Page - Richtek Technology Corporation RT8036 Datasheet HTML 10Page - Richtek Technology Corporation RT8036 Datasheet HTML 11Page - Richtek Technology Corporation RT8036 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RT8036
8
DS8036-02 April 2011
www.richtek.com
Load Transient Response
Time (50
μs/Div)
VINB = 3.6V, VOUTB = 1.2V
IOUTB = 50mA to 0.5A
VOUTB
(50mV/Div)
IOUTB
(500mA/Div)
Load Transient Response
Time (50
μs/Div)
VINB = 3.6V, VOUTB = 1.2V
IOUTB = 50mA to 1A
VOUTB
(50mV/Div)
IOUTB
(500mA/Div)
Power Off from EN
Time (100
μs/Div)
VINB = 3.6V, VOUTB = 1.2V,
IOUTB = 1A
VOUTB
(1V/Div)
VENB
(2V/Div)
IINB
(500mA/Div)
Power On from VIN
Time (250
μs/Div)
VENB = 3.6V, VOUTB = 1.2V, IOUTB = 1A
VOUTB
(1V/Div)
VINB
(2V/Div)
IINB
(500mA/Div)
Power On from EN
Time (100
μs/Div)
VINB = 3.6V, VOUTB = 1.2V, IOUTB = 10mA
VOUTB
(1V/Div)
VENB
(2V/Div)
IINB
(500mA/Div)
Power On from EN
Time (100
μs/Div)
VINB = 3.6V, VOUTB = 1.2V, IOUTB = 1A
VOUTB
(1V/Div)
VENB
(2V/Div)
IINB
(500mA/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com