Electronic Components Datasheet Search
  English  ▼

X  

RT8036 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8036
Description  One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8036 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8036 Datasheet HTML 7Page - Richtek Technology Corporation RT8036 Datasheet HTML 8Page - Richtek Technology Corporation RT8036 Datasheet HTML 9Page - Richtek Technology Corporation RT8036 Datasheet HTML 10Page - Richtek Technology Corporation RT8036 Datasheet HTML 11Page - Richtek Technology Corporation RT8036 Datasheet HTML 12Page - Richtek Technology Corporation RT8036 Datasheet HTML 13Page - Richtek Technology Corporation RT8036 Datasheet HTML 14Page - Richtek Technology Corporation RT8036 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
RT8036
11
DS8036-02 April 2011
www.richtek.com
Power Off from ENL1
Time (25
μs/Div)
VOUTL2
(1V/Div)
VOUTL1
(1V/Div)
ENL1
(5V/Div)
VINL1 = 5V, VOUTL1 = 1.8V,
VOUTL2 = 2.8V,
IOUTL1 = IOUTL2 = 50mA
IOUTL1 = IOUTL2 = 10mA to 100mA
Load Transient Response
Time (250
μs/Div)
VOUTL 2
(20mV/Div)
VOUTL1
(20mV/Div)
IOUT
(100mA/Div)
VINL1 = 4.3V, VOUTL1 = 1.8V, VOUTL2 = 2.8V
Power On from ENL1
Time (25
μs/Div)
VOUTL2
(1V/Div)
VOUTL1
(1V/Div)
ENL1
(5V/Div)
VINL1 = 5V, VOUTL1 = 1.8V, VOUTL2 = 2.8V,
IOUTL1 = IOUTL2 = 50mA
IOUTL1 = IOUTL2 = 10mA to 50mA
Load Transient Response
Time (250
μs/Div)
VOUTL2
(20mV/Div)
VOUTL1
(20mV/Div)
IOUT
(50mA/Div)
VINL1 = 4.3V, VOUTL1 = 1.8V, VOUTL2 = 2.8V
VOUTL1 = 1.8V, VOUTL2 = 2.8V,
IOUTL1 = IOUTL2 = 100mA
Line Transient Response
Time (100
μs/Div)
VOUTL2
(10mV/Div)
4.8
3.8
VOUTL1
(10mV/Div)
VINL1
(V)
VOUTL1 = 1.8V, VOUTL2 = 2.8V, IOUTL1 = IOUTL2 = 50mA
Line Transient Response
Time (100
μs/Div)
VOUTL2
(20mV/Div)
4.8
3.8
VOUTL1
(20mV/Div)
VINL1
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com