Electronic Components Datasheet Search
  English  ▼

X  

RT8036 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8036
Description  One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8036 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8036 Datasheet HTML 8Page - Richtek Technology Corporation RT8036 Datasheet HTML 9Page - Richtek Technology Corporation RT8036 Datasheet HTML 10Page - Richtek Technology Corporation RT8036 Datasheet HTML 11Page - Richtek Technology Corporation RT8036 Datasheet HTML 12Page - Richtek Technology Corporation RT8036 Datasheet HTML 13Page - Richtek Technology Corporation RT8036 Datasheet HTML 14Page - Richtek Technology Corporation RT8036 Datasheet HTML 15Page - Richtek Technology Corporation RT8036 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
RT8036
12
DS8036-02 April 2011
www.richtek.com
VOUTL2 PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
10
100
1000
10000
100000
1000000
Frequency (Hz)
VINL2 = VENL2 = 4.3V ±50mV,
VOUTL2 = 2.8V, IOUTL2 = 50mA
IOUTL2 = 10mA
IOUTL2 = 150mA
VOUTL1 PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
10
100
1000
10000
100000
1000000
Frequency (Hz)
VINL1 = VENL1 = 4.3V ±50mV,
VOUTL1 = 1.8V, IOUTL1 = 50mA
IOUTL1 = 10mA
IOUTL1 = 150mA
Noise
Time (10ms/Div)
VOUTL2
(100
μV/Div)
VINL2 = VENL2 = 5V, IOUTL2 = 50mA
Noise
Time (10ms/Div)
VOUTL1
(100
μV/Div)
VINL1 = VENL1 = 5V, No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com