Electronic Components Datasheet Search
  English  ▼

X  

RT8065 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8065
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8065 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8065 Datasheet HTML 1Page - Richtek Technology Corporation RT8065 Datasheet HTML 2Page - Richtek Technology Corporation RT8065 Datasheet HTML 3Page - Richtek Technology Corporation RT8065 Datasheet HTML 4Page - Richtek Technology Corporation RT8065 Datasheet HTML 5Page - Richtek Technology Corporation RT8065 Datasheet HTML 6Page - Richtek Technology Corporation RT8065 Datasheet HTML 7Page - Richtek Technology Corporation RT8065 Datasheet HTML 8Page - Richtek Technology Corporation RT8065 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT8065
4
DS8065-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -----------------------------------------------------------------------------------------
−0.3V to 6V
LX Pin Switch Voltage ----------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
<10ns ------------------------------------------------------------------------------------------------------------------
−5V to 8.5V
Other I/O Pin Voltages ---------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
LX Pin Switch Current ---------------------------------------------------------------------------------------------- 5A
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) -------------------------------------------------------------------------------------------- 1.333W
WDFN-8L 3x3 -------------------------------------------------------------------------------------------------------- 1.429W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA ---------------------------------------------------------------------------------------- 75°C/W
SOP-8 (Exposed Pad),
θJC --------------------------------------------------------------------------------------- 15°C/W
WDFN-8L 3x3,
θJA --------------------------------------------------------------------------------------------------- 70°C/W
WDFN-8L 3x3,
θJC--------------------------------------------------------------------------------------------------- 8.2°C/W
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
Electrical Characteristics
(VIN = 3.3V, TA = 25
°C, unless otherwise specified)
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------- 2.7V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback Reference Voltage
VREF
0.784
0.8
0.816
V
Active , VFB = 0.78V, Not Switching
--
460
--
DC Bias Current
Shutdown
--
--
10
μA
Output Voltage Line Regulation
VIN = 2.7V to 5.5V
--
0.1
--
%/V
Output Voltage Load Regulation
0A < ILOAD < 3A
--
0.25
--
%
Error Amplifier
Trans-conductance
gm
--
400
--
μA/V
Current Sense Trans-resistance RT
--
0.3
--
Ω
ROSC = 330kΩ
0.8
1
1.2
Switching Frequency
Switching
0.2
--
2
MHz
Logic-High
VIH
1.6
--
--
EN Input Voltage
Logic-Low
VIL
--
--
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com