Electronic Components Datasheet Search
  English  ▼

X  

RT8065 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8065
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8065 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8065 Datasheet HTML 1Page - Richtek Technology Corporation RT8065 Datasheet HTML 2Page - Richtek Technology Corporation RT8065 Datasheet HTML 3Page - Richtek Technology Corporation RT8065 Datasheet HTML 4Page - Richtek Technology Corporation RT8065 Datasheet HTML 5Page - Richtek Technology Corporation RT8065 Datasheet HTML 6Page - Richtek Technology Corporation RT8065 Datasheet HTML 7Page - Richtek Technology Corporation RT8065 Datasheet HTML 8Page - Richtek Technology Corporation RT8065 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT8065
3
DS8065-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Functional Pin Description
Pin No.
SOP-8
(Exposed Pad)
WDFN-8L 3x3
Pin Name
Pin Function
1
1
COMP
Error Amplifier Compensation Point. The current comparator
threshold increases with this control voltage. Connect
external compensation elements to this pin to stabilize the
control loop.
2
2
SS
Soft-Start Control Input. Connect a capacitor from SS to GND
to set the soft-start period. A 10nF capacitor sets the
soft-start period to 800
μs (typ.).
3
3
EN
Enable Control Input. Float or connect this pin to logic high
for enable. Connect to GND for disable.
4
4
VIN
Power Input Supply. Decouple this pin to GND with a
capacitor.
5
5
LX
Internal Power MOSFET Switches Output. Connect this pin
to the inductor.
6
6
RT
Oscillator Resistor Input. Connect a resistor from this pin to
GND sets the switching frequency. If this pin is floating, the
frequency will be set at 2MHz internally.
7
7
FB
Feedback. Receives the feedback voltage from a resistive
divider connected across the output.
8
8
PGOOD
Power Good Indicator. This pin is an open drain logic output
that is pulled to ground when the output voltage is not within
±12.5% of regulation point.
9 (Exposed Pad)
9 (Exposed Pad) GND
Ground. The exposed pad must be soldered to a large PCB
and connected to GND for maximum power dissipation.
Driver
NISEN
Control
Logic
N-MOSFET ILIM
0.7V
0.4V
ISEN
Slope
Com
OSC
Output
Clamp
0.8V
Enable
OTP
COMP
RT
FB
VIN
GND
SD
LX
UV
P-G
Hiccup
OC
Limit
EN
SS
10µA
EA
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com