Electronic Components Datasheet Search
  English  ▼

X  

RT8065 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8065
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8065 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8065 Datasheet HTML 3Page - Richtek Technology Corporation RT8065 Datasheet HTML 4Page - Richtek Technology Corporation RT8065 Datasheet HTML 5Page - Richtek Technology Corporation RT8065 Datasheet HTML 6Page - Richtek Technology Corporation RT8065 Datasheet HTML 7Page - Richtek Technology Corporation RT8065 Datasheet HTML 8Page - Richtek Technology Corporation RT8065 Datasheet HTML 9Page - Richtek Technology Corporation RT8065 Datasheet HTML 10Page - Richtek Technology Corporation RT8065 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT8065
7
DS8065-07
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Switching
Time (500ns/Div)
VOUT
(10mV/Div)
VLX
(5V/Div)
VIN = 5V, VOUT = 3.3V, IOUT = 3A
Switching
Time (500ns/Div)
VOUT
(10mV/Div)
VLX
(5V/Div)
VIN = 5V, VOUT = 1.1V, IOUT = 3A
Load Transient Response
Time (100
μs/Div)
IOUT
(1A/Div)
VOUT
(200mV/Div)
VIN = 5V, VOUT = 3.3V, IOUT = 1A to 3A,
RCOMP = 33k
Ω, CCOMP = 560pF
Load Transient Response
Time (100
μs/Div)
IOUT
(1A/Div)
VOUT
(200mV/Div)
VIN = 5V, VOUT = 1.1V, IOUT = 1A to 3A,
RCOMP = 10k
Ω, CCOMP = 560pF
VIN UVLO vs. Temperature
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-50
-25
0
25
50
75
100
125
Temperature (°C)
Rising
Falling
Enable Voltage vs. Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
Rising
Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com