Electronic Components Datasheet Search
  English  ▼

X  

RT8251 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8251
Description  5A, 24V, 570kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8251 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8251 Datasheet HTML 1Page - Richtek Technology Corporation RT8251 Datasheet HTML 2Page - Richtek Technology Corporation RT8251 Datasheet HTML 3Page - Richtek Technology Corporation RT8251 Datasheet HTML 4Page - Richtek Technology Corporation RT8251 Datasheet HTML 5Page - Richtek Technology Corporation RT8251 Datasheet HTML 6Page - Richtek Technology Corporation RT8251 Datasheet HTML 7Page - Richtek Technology Corporation RT8251 Datasheet HTML 8Page - Richtek Technology Corporation RT8251 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT8251
®
DS8251-04
February 2013
www.richtek.com
1
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
5A, 24V, 570kHz Step-Down Converter
Applications
Distributed Power Systems
Battery Charger
DSL Modems
Pre-regulator for Linear Regulators
General Description
The RT8251 is a monolithic step-down switch mode
converter with a built-in internal power MOSFET. It achieves
5A continuous output current over a wide input supply
range with excellent load and line regulation. Current mode
operation provides fast transient response and eases loop
stabilization.
The RT8251 provides protection functions such as
cycle-by-cycle current limiting and thermal shutdown. In
shutdown mode, the regulator draws 25
μA of supply
current. Programmable soft-start minimizes the inrush
supply current and the output overshoot at initial startup.
The RT8251 requires a minimum number of external
components. The RT8251 is available in WQFN-16L 3x3
and SOP-8 (Exposed Pad) packages.
Features
Wide Operating Input Voltage Range : 4.75V to 24V
Adjustable Output Voltage Range : 0.8V to 15V
Output Current up to 5A
25
μμμμμA Low Shutdown Current
Internal Power MOSFET : 70m
Ω
Ω
Ω
Ω
Ω
High Efficiency up to 95%
570kHz Fixed Switching Frequency
Stable with Low ESR Output Ceramic Capacitors
Thermal Shutdown Protection
Cycle-By-Cycle Over Current Protection
RoHS Compliant and Halogen Free
Pin Configurations
(TOP VIEW)
WQFN-16L 3x3
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
GND
VIN
VIN
VIN
SW
SW
BOOT
SW
GND
17
SOP-8 (Exposed Pad)
COMP
BOOT
VIN
SW
GND
SS
EN
FB
GND
2
3
4
5
6
7
8
9
RT8251
Lead Plating System
G : Green (Halogen Free and Pb Free)
Package Type
QW : WQFN-16L 3x3 (W-Type)
SP : SOP-8 (Exposed Pad-Option 1)


Similar Part No. - RT8251

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8250GSP RICHTEK-RT8250GSP Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - RT8251

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
3A, 24V, 1.2MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
NB634 MPS-NB634 Datasheet
349Kb / 13P
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com