Electronic Components Datasheet Search
  English  ▼

X  

RT8251 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8251
Description  5A, 24V, 570kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8251 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8251 Datasheet HTML 1Page - Richtek Technology Corporation RT8251 Datasheet HTML 2Page - Richtek Technology Corporation RT8251 Datasheet HTML 3Page - Richtek Technology Corporation RT8251 Datasheet HTML 4Page - Richtek Technology Corporation RT8251 Datasheet HTML 5Page - Richtek Technology Corporation RT8251 Datasheet HTML 6Page - Richtek Technology Corporation RT8251 Datasheet HTML 7Page - Richtek Technology Corporation RT8251 Datasheet HTML 8Page - Richtek Technology Corporation RT8251 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT8251
2
DS8251-04
February 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Marking Information
Typical Application Circuit
Figure 1. Typical Application Circuit for WQFN-16L 3x3
Figure 2. Typical Application Circuit for SOP-8 (Exposed Pad)
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RC (kΩ)
CC (nF)
L1 (
μH)
COUT (μF)
15
182
10
51
1
22
44
10
115
10
43
1.2
10
44
8
91
10
39
1.5
10
44
5
52.3
10
30
1.5
6.8
44
3.3
30.9
10
22
2.2
4.7
44
2.5
21.5
10
16
2.2
4.7
44
1.8
12.4
10
13
2.2
2.2
44
1.2
4.99
10
13
2.2
2.2
44
Table 1. Recommended Component Selection
RT8251
EN
BOOT
FB
SW
7
5
10 to 14
9
COUT
22µF x 2
VOUT
3.3V/5A
GND
SS
8
CSS
10nF
4,
Exposed Pad (17)
VIN
1, 2, 3,
15, 16
VIN
4.75V to 24V
COMP
CC
2.2nF
RC
22k
CP
(Open)
6
R1
30.9k
R2
10k
CBOOT
100nF
D
B540C
L
4.7µH
10µF x 2
CIN
Chip Enable
3.3V/5A
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
4.7µH
100nF
22µF x 2
R1
30.9k
R2
10k
VOUT
10µF x 2
Chip Enable
VIN
4.75V to 24V
RT8251
D
B540C
SS
8
CSS
10nF
COMP
CC
2.2nF
RC
22k
CP
NC
6
4,
Exposed Pad(9)
CBOOT
COUT
CIN
GE= : Product Code
YMDNN : Date Code
RT8251GQW
RT8251GSP : Product Number
YMDNN : Date Code
RT8251GSP
RT8251
GSPYMDNN
GE=YM
DNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com