Electronic Components Datasheet Search
  English  ▼

X  

RT8251 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8251
Description  5A, 24V, 570kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8251 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8251 Datasheet HTML 8Page - Richtek Technology Corporation RT8251 Datasheet HTML 9Page - Richtek Technology Corporation RT8251 Datasheet HTML 10Page - Richtek Technology Corporation RT8251 Datasheet HTML 11Page - Richtek Technology Corporation RT8251 Datasheet HTML 12Page - Richtek Technology Corporation RT8251 Datasheet HTML 13Page - Richtek Technology Corporation RT8251 Datasheet HTML 14Page - Richtek Technology Corporation RT8251 Datasheet HTML 15Page - Richtek Technology Corporation RT8251 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT8251
13
DS8251-04
February 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of the RT8251.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
LX node is with high frequency voltage swing and should
be kept at small area. Keep analog components away
from the LX node to prevent stray capacitive noise pick-
up.
Figure 9. PCB Layout Guide for WQFN Package
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT8251.
Connect all analog grounds to a command node and
then connect the command node to the power ground
behind the output capacitors.
Examples of PCB layout guide are shown in Figure 9
and Figure 10 for reference.
GND
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
GND
VIN
VIN
VIN
SW
SW
BOOT
SW
GND
17
CIN
COUT
RC
CC
CP
CSS
CBOOT
VOUT
VOUT
GND
R1
R2
Input capacitor must be placed
as close as to the IC as possible.
SW should be connected
to inductor by Wide and
short trace. Keep sensitive
components away from
this trace.
The feedback components must be connected
as close to the device as possible.
D
L
CS
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com