Electronic Components Datasheet Search
  English  ▼

X  

HMC1197LP7FE Datasheet(PDF) 18 Page - Hittite Microwave Corporation

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1197LP7FE Datasheet(HTML) 18 Page - Hittite Microwave Corporation

Back Button HMC1197LP7FE Datasheet HTML 14Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 15Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 16Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 17Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 18Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 19Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 20Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 21Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 22Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
18
HMC1197LP7FE
v00.0912
WIDEBAND DIRECT QUADRATURE MODULATOR
w/ FRACTIONAL-N PLL & VCO, 100 - 4000 MHz
Reg 06h Delta Sigma Modulator Register
BIT
TYPE
NAME
W
DEFLT
DESCRIPTION
[1:0]
R/W
Reserved
2
2d
Reserved, Program to 0h
[3:2]
R/W
DSM Order
2
2d
Select the Delta Sigma Modulator Type
0: 1st order
1: 2nd Order
2: 3rd Order - Recommended
3: Reserved
[4]
R/W
Synchronous SPI Mode
1
0
0: Normal SPI Load - all register load on rising edge of SEN
1: Synchronous SPI - registers Reg 03h, Reg 04h , Reg 1Ah wait
to load synchronously on the next internal clock cycle.
Normally (When this bit is 0) SPI writes into the internal state
machines/counters happen asynchronously relative to the internal
clocks. This can create freq/phase disturbances if writing register
3, 4 or 1A. When this bit is enabled, the internal SPI registers are
loaded synchronously with the internal clock. This means that
the data in the SPI shifter should be held constant for at least 2
PFD clock periods after SEN is asserted to allow this retiming to
happen cleanly.
[5]
R/W
Exact Frequency Mode Enable
1
0
1: Exact Frequency Mode Enabled
0: Exact Frequency Mode Disabled
[6]
R/W
Reserved
1
0
Reserved
[7]
R/W
Fractional Bypass
1
0
0: Use Modulator, Required for Fractional Mode,
1: Bypass Modulator, Required for Integer Mode
Note: When enabled fractional modulator output is ignored, but
fractional modulator continues to be clocked if Reg 06h[11] =1.
This feature can be used to test the isolation of the digital frac-
tional modulator from the VCO output in integer mode.
[8]
R/W
Autoseed EN
1
1
1: loads the modulator seed (start phase) whenever the fractional
register (Reg 04h) is written
0: when fractional register (Reg 04h) write changes frequency,
modulator starts at previous value (phase)
[10:9]
R/W
Reserved
2
3d
Reserved
[11]
R/W
Delta Sigma Modulator Enable
1
1
0: Disable DSM, used for Integer Mode
1: Enable DSM Core, required for Fractional Mode
[22:12]
R/W
Reserved
11
97d
61h
Reserved, Program to 30h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com