Electronic Components Datasheet Search
  English  ▼

X  

HMC1197LP7FE Datasheet(PDF) 32 Page - Hittite Microwave Corporation

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1197LP7FE Datasheet(HTML) 32 Page - Hittite Microwave Corporation

Back Button HMC1197LP7FE Datasheet HTML 26Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 27Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 28Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 29Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 30Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 31Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 32Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 33Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 34Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
32
HMC1197LP7FE
v00.0912
WIDEBAND DIRECT QUADRATURE MODULATOR
w/ FRACTIONAL-N PLL & VCO, 100 - 4000 MHz
GSM/EDGE Operation
The HMC1197LP7FE is suitable for GSM/EDGE applications. The EVM performance of the HMC1197LP7FE in a
GSM/EDGE environment is shown in Figure 8.
-1
0
1
2
3
4
5
6
-15
-12
-9
-6
-3
0
3
6
900 MHz
1900 MHz
OUTPUT POWER (dBm)
Figure 8. The HMC1197LP7FE EVM vs. Output Power @ GSM/EDGE(8-PSK)
Wimax Operation
The HMC1197LP7FE is suitable for Wimax applications. The EVM performance of the HMC1197LP7FE in a Wimax
environment is shown in Figure 9.
0
1
2
3
4
5
-12
-9
-6
-3
0
3
WiMAX
OUTPUT POWER (dBm)
Figure 9. The HMC1197LP7FE EVM vs. Output Power @ Wimax 64QAM 3500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com