Electronic Components Datasheet Search
  English  ▼

X  

HMC1197LP7FE Datasheet(PDF) 28 Page - Hittite Microwave Corporation

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1197LP7FE Datasheet(HTML) 28 Page - Hittite Microwave Corporation

Back Button HMC1197LP7FE Datasheet HTML 24Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 25Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 26Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 27Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 28Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 29Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 30Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 31Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 32Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
28
HMC1197LP7FE
v00.0912
WIDEBAND DIRECT QUADRATURE MODULATOR
w/ FRACTIONAL-N PLL & VCO, 100 - 4000 MHz
I/Q modulator includes a LO quadrature phase splitter that generates two carrier signals in quadrature followed by
LO limiting amplifiers which are used to drive the I and Q mixers with saturated signal levels. Therefore, the LO path
is immune to large variations in the LO input signal level and the modulator performance does not vary much with LO
input power.
After upconversion, the outputs of the I and Q mixers are summed together differentially and converted to single-
ended RF output. The single-ended RF output port is internally matched to 50 Ohms and does not require any
external matching components. Only a standard DC-blocking capacitor is required at this interface.
Harmonic Low Pass Filter
High LO harmonic content causes amplitude and phase mismatches and ultimately performance degradation in
modulator sideband rejection.
-80
-70
-60
-50
-40
-30
-20
-10
0
-80
-70
-60
-50
-40
-30
-20
-10
0
hmc701 Sweeper Plot 11:18:12 AM 3/19/2012
LO HARMONIC LEVEL (dBc)
3rd LO Harmonic
2nd LO Harmonic
Targeted minimum LO harmonic level
Targeted maximum modulator
sideband rejection
Figure 2. Typical impact of 2nd and 3rd LO harmonic on sideband rejection.
As shown in Figure 2, in a typical modulator with 1xLO input both the 2nd and 3rd LO harmonics affect the modulator
sideband rejection performance at levels > -20 dBc relative to the LO signal power. It also shows that the 3rd LO
harmonic has greater impact on modulator sideband rejection performance than the 2nd, and that there is little effect
of the 2nd LO harmonic on modulator sideband rejection once the 2nd LO harmonic is below -20 dBc levels, relative to
the LO signal level.
Figure 3 shows the typical insertion loss of the low pass filter.
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
Band 0
Band 7
Band 8
Band 15
Low Bands
High Bands
Figure 3. Insertion loss of the low pass filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com