Electronic Components Datasheet Search
  English  ▼

X  

ADS54T02 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54T02
Description  Dual Channel 12-Bit 500Msps Receiver and Feedback IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS54T02 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS54T02 Datasheet HTML 9Page - Texas Instruments ADS54T02 Datasheet HTML 10Page - Texas Instruments ADS54T02 Datasheet HTML 11Page - Texas Instruments ADS54T02 Datasheet HTML 12Page - Texas Instruments ADS54T02 Datasheet HTML 13Page - Texas Instruments ADS54T02 Datasheet HTML 14Page - Texas Instruments ADS54T02 Datasheet HTML 15Page - Texas Instruments ADS54T02 Datasheet HTML 16Page - Texas Instruments ADS54T02 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ADS54T04
www.ti.com
SLAS917 – DECEMBER 2012
TYPICAL CHARACTERISTICS (continued)
Typical values at TA = +25°C, full temperature range is TMIN = -40°C to TMAX = +85°C, ADC sampling rate = 500Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, -1dBFS differential input, unless
otherwise noted.
SFDR
SNR
vs
vs
AMPLITUDE (fin = 230MHz)
Amplitude (fin = 230 MHz)
Figure 14.
Figure 15.
SFDR
vs
Tow Tone Performance Across Input Amplitude (fin =
130MHz)
Vref (auto on)
Figure 16.
Figure 17.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS54T04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com