| Electronic Components Datasheet Search |
|
ADS54T02 Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS54T02 Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 44 page ![]() INA_P/N INB_P/N CLKINP/N DACLKP/N DBCLKP/N M M+1 M+2 ... Latency = X clock cycles tPDI 11-bit data DA[11:1] DB[11:1] Sample Sample M M+4 M-4 Decimated Low Resolution Mode M-8 repeat M-4 repeat M repeat M repeat M+3 M+4 M repeat M-4 repeat M-4 repeat M-8 repeat Full Speed Low Resolution INA_P/N INB_P/N CLKINP/N DACLKP/N DBCLKP/N M M+1 M+2 ... Latency = X clock cycles tPDI 9-bit data DA[11:3] DB[11:3] Sample Sample # M M+2 M-2 M-4 M-6 M+1 M+3 M-1 M-3 M-5 ADS54T04 SLAS917 – DECEMBER 2012 www.ti.com Full Speed – 9bit The output data rate and timing is exactly the same as the high resolution data – only the output resolution is limited to the 9 MSBs. Figure 40. Full Rate Low Resolution Output Data Timing Decimated Low Resolution Output Data In decimated low resolution mode the output data is limited to 11-bits and every sample is repeated four times so the effective data rate is 1/4 of ADC sampling rate. The latency of the ADC sample to output sample is exactly the same as for high resolution data – there is no uncertainty in which conversion sample results in the valid output data. This is because the output continues to run at the ADC sample rate – only the resolution is changed and three out of four samples are deleted. Figure 41. Decimated Low Resolution Output Data Timing Diagram 28 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated Product Folder Links: ADS54T04 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |