Electronic Components Datasheet Search
  English  ▼

X  

ADS54T02 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54T02
Description  Dual Channel 12-Bit 500Msps Receiver and Feedback IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS54T02 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS54T02 Datasheet HTML 17Page - Texas Instruments ADS54T02 Datasheet HTML 18Page - Texas Instruments ADS54T02 Datasheet HTML 19Page - Texas Instruments ADS54T02 Datasheet HTML 20Page - Texas Instruments ADS54T02 Datasheet HTML 21Page - Texas Instruments ADS54T02 Datasheet HTML 22Page - Texas Instruments ADS54T02 Datasheet HTML 23Page - Texas Instruments ADS54T02 Datasheet HTML 24Page - Texas Instruments ADS54T02 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
2kΩ
2kΩ
0.9V
CLKINP
CLKINN
CLKINP
CLKINN
0.1uF
0.1uF
R
T
R
T
0.1uF
Recommended differential clock driving circuit
ADS54T04
www.ti.com
SLAS917 – DECEMBER 2012
FEATURES
POWER DOWN MODES
The ADS54T04 can be configured via SPI write (address x37) to a stand-by, light or deep sleep power mode
which is controlled by the ENABLE pin. The sleep modes are active when the ENABLE pin goes low. Different
internal functions stay powered up which results in different power consumption and wake up time between the
two sleep modes.
Power Consumption Auto
Power Consumption Auto
Sleep mode
Wake up time
correction disabled
correction enabled
Complete Shut Down
2.5 ms
7mW
7mW
Stand-by
100µs
7mW
7mW
Deep Sleep
20µs
282mW
370mW
Light Sleep
2µs
549mW
650mW
TEST PATTERN OUTPUT
The ADS54T04 can be configured to output different test patterns that can be used to verify the digital interface
is connected and working properly. To enable the test pattern mode, the high performance mode 1 has to be
disabled first via SPI register write. Then different test patterns can be selected by configuring registers x3C, x3D
and x3E. All three registers must be configured for the test pattern to work properly.
First set HP1 = 0 (Addr 0x01, D01)
Register Address
All 0s
All 1s
Toggle (0xAAA => 0x555)
Toggle (0xFFF => 0x000)
0x3C
0x8000
0xBFFC
0x9554
0xBFFC
0x3D
0x0000
0x3FFC
0x2AA8
0x0000
0x3E
0x0000
0x3FFC
0x1554
0x3FFC
Register
Custom Pattern
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
x3C
1
0
0
0
x3D
0
0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
x3E
0
0
0
0
For normal operation, set HP1 = 1 (Addr 0x01, D01) and 0x3C, 0x3D, 0x3E all to 0.
CLOCK INPUT
The ADS54T04 clock input can be driven differentially with a sine wave, LVPECL or LVDS source with little or no
difference in performance. The common mode voltage of the clock input is set to 0.9V using internal 2k
Ω
resistors. This allows for AC coupling of the clock inputs. The termination resistors should be placed as close as
possible to the clock inputs in order to minimize signal reflections and jitter degradation.
Figure 35. Recommended Differential Clock Driving Circuit
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS54T04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com