Electronic Components Datasheet Search
  English  ▼

X  

ADS4229 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4229
Description  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4229 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS4229 Datasheet HTML 9Page - Texas Instruments ADS4229 Datasheet HTML 10Page - Texas Instruments ADS4229 Datasheet HTML 11Page - Texas Instruments ADS4229 Datasheet HTML 12Page - Texas Instruments ADS4229 Datasheet HTML 13Page - Texas Instruments ADS4229 Datasheet HTML 14Page - Texas Instruments ADS4229 Datasheet HTML 15Page - Texas Instruments ADS4229 Datasheet HTML 16Page - Texas Instruments ADS4229 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DRVDD
DA6P
DA6M
DA4P
DA4M
DA2P
DA2M
DA0P
DA0M
DRGND
DRVDD
CTRL3
CTRL2
CTRL1
AVDD_BUF
AVDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DRVDD
DB4M
DB4P
DB6M
DB6P
DB8M
DB8P
DB10M
DB10P
DB12M
DB12P
RESET
SCLK
SDATA
SEN
AVDD
Thermal Pad
(Connected to DRGND)
ADS42B49
www.ti.com
SBAS558B – DECEMBER 2012 – REVISED JANUARY 2013
PIN CONFIGURATION: LVDS MODE
RGC PACKAGE(1)
QFN-64
(TOP VIEW)
(1) The PowerPAD is connected to DRGND.
Figure 6. LVDS Mode
PIN DESCRIPTIONS: LVDS Mode
PIN NAME
PIN NUMBER
# OF PINS
FUNCTION
DESCRIPTION
17, 18, 21, 24, 27, 28,
AGND
8
Input
Analog ground
31, 32
AVDD
16, 22, 33
3
Input
Analog power supply
AVDD_BUF
34
1
Input
Analog buffer supply
CLKM
26
1
Input
Differential clock negative input
CLKP
25
1
Input
Differential clock positive input
CLKOUTM
56
1
Output
Differential output clock, complement
CLKOUTP
57
1
Output
Differential output clock, true
Digital control input pins.
CTRL1
35
1
Input
Together, these pins control the various power-down modes.
Digital control input pins.
CTRL2
36
1
Input
Together, these pins control the various power-down modes.
Digital control input pins.
CTRL3
37
1
Input
Together, these pins control the various power-down modes.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS42B49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com