Electronic Components Datasheet Search
  English  ▼

X  

ADS4229 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4229
Description  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4229 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS4229 Datasheet HTML 17Page - Texas Instruments ADS4229 Datasheet HTML 18Page - Texas Instruments ADS4229 Datasheet HTML 19Page - Texas Instruments ADS4229 Datasheet HTML 20Page - Texas Instruments ADS4229 Datasheet HTML 21Page - Texas Instruments ADS4229 Datasheet HTML 22Page - Texas Instruments ADS4229 Datasheet HTML 23Page - Texas Instruments ADS4229 Datasheet HTML 24Page - Texas Instruments ADS4229 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
PowerSupply
AVDD,DRVDD
RESET
SEN
t
1
t
2
t
3
ADS42B49
www.ti.com
SBAS558B – DECEMBER 2012 – REVISED JANUARY 2013
NOTE: A high pulse on the RESET pin is required in the serial interface mode when initialized through a hardware reset. For parallel
interface operation, RESET must be permanently tied high.
Figure 11. Reset Timing Diagram
Table 9. Reset Timing (Only when Serial Interface is Used)(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Delay from AVDD and DRVDD power-up to active RESET
1
ms
t1
Power-on delay
pulse
10
ns
t2
Reset pulse width
Active RESET signal pulse width
1
µs
t3
Register write delay
Delay from RESET disable to SEN active
100
ns
(1)
Typical values at +25°C; minimum and maximum values across the full temperature range: TMIN = –40°C to TMAX = +85°C, unless
otherwise noted.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS42B49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com