Electronic Components Datasheet Search
  English  ▼

X  

ADS4229 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4229
Description  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4229 Datasheet(HTML) 3 Page - Texas Instruments

  ADS4229 Datasheet HTML 1Page - Texas Instruments ADS4229 Datasheet HTML 2Page - Texas Instruments ADS4229 Datasheet HTML 3Page - Texas Instruments ADS4229 Datasheet HTML 4Page - Texas Instruments ADS4229 Datasheet HTML 5Page - Texas Instruments ADS4229 Datasheet HTML 6Page - Texas Instruments ADS4229 Datasheet HTML 7Page - Texas Instruments ADS4229 Datasheet HTML 8Page - Texas Instruments ADS4229 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
ADS42B49
www.ti.com
SBAS558B – DECEMBER 2012 – REVISED JANUARY 2013
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
MIN
MAX
UNIT
AVDD
–0.3
2.1
V
Supply voltage range
AVDD_BUF
–0.3
3.6
V
DRVDD
–0.3
2.1
V
AGND and DRGND
–0.3
0.3
V
AVDD to DRVDD
–2.4
2.4
V
(when AVDD leads DRVDD)
Voltage between:
DRVDD to AVDD
–2.4
2.4
V
(when DRVDD leads AVDD)
AVDD_BUF to DRVDD and AVDD
–3.9
3.9
V
Minimum
INP, INM
–0.3
V
(3, AVDD_BUF + 0.3)
Voltage applied to
CLKP, CLKM(2)
–0.3
AVDD + 0.3
V
RESET, SCLK, SDATA, SEN,
–0.3
3.9
V
CTRL1, CTRL2, CTRL3
Operating free-air, TA
–40
+85
°C
Temperature range
Operating junction, TJ
+125
°C
Storage, Tstg
–65
+150
°C
Electrostatic discharge (ESD) rating
Human body model (HBM)
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
When AVDD is turned off, TI recommends switching off the input clock (or ensuring the voltage on CLKP, CLKM is less than |0.3 V|).
This configuration prevents the ESD protection diodes at the clock input pins from turning on.
THERMAL INFORMATION
ADS42B49
THERMAL METRIC(1)
RGC
UNIT
64 PINS
θJA
Junction-to-ambient thermal resistance
23.9
θJCtop
Junction-to-case (top) thermal resistance
10.9
θJB
Junction-to-board thermal resistance
4.3
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
4.4
θJCbot
Junction-to-case (bottom) thermal resistance
0.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS42B49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com