Electronic Components Datasheet Search
  English  ▼

X  

ISO7631FC Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7631FC
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7631FC Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7631FC Datasheet HTML 14Page - Texas Instruments ISO7631FC Datasheet HTML 15Page - Texas Instruments ISO7631FC Datasheet HTML 16Page - Texas Instruments ISO7631FC Datasheet HTML 17Page - Texas Instruments ISO7631FC Datasheet HTML 18Page - Texas Instruments ISO7631FC Datasheet HTML 19Page - Texas Instruments ISO7631FC Datasheet HTML 20Page - Texas Instruments ISO7631FC Datasheet HTML 21Page - Texas Instruments ISO7631FC Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
0
100
200
300
400
500
600
700
0
50
100
150
200
Case Temperature - C
o
V
= V
= 5.5V
CC1
CC2
V
= V
= 2.7V
CC1
CC2
V
= V
= 3.6V
CC1
CC2
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
www.ti.com
Table 3. IEC 60664-1 RATINGS TABLE
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic Isolation Group
Material Group
II
Rated mains voltage
≤ 300 VRMS
I–IV
Installation classification
Rated mains voltage
≤ 600 VRMS
I–III
Rated mains voltage
≤ 1000 VRMS
I–II
REGULATORY INFORMATION
VDE
CSA
UL
Certified according to DIN EN 60747-5-2
Approved under CSA Component
Recognized under 1577 Component Recognition
Acceptance Notice #5A
Program
Basic Insulation
Maximum Transient Overvoltage, 4000
4000 VPK Insulation
Single Protection, 2500 VRMS
(1)
VPK
Maximum Working Voltage, 1414 VPK
File Number: 40016131
File Number: 220991
File Number: E181974
(1)
Production tested
≥ 3000 VRMS for 1 second in accordance with UL 1577.
IEC SAFETY LIMITING VALUES
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the IO can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA = 72 °C/W, VI = 5.5V, TJ = 150°C, TA = 25°C
316
Safety input, output, or supply
IS
DW-16
θJA = 72 °C/W, VI = 3.6V, TJ = 150°C, TA = 25°C
482
mA
current
θJA = 72 °C/W, VI = 2.7V, TJ = 150°C, TA = 25°C
643
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed on a High-K Test Board for Leaded Surface Mount
Packages. The power is the recommended maximum input voltage times the current. The junction temperature is
then the ambient temperature plus the power times the junction-to-air thermal resistance.
Figure 5. DW-16
θJC Thermal Derating Curve per IEC 60747-5-2
18
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com