Electronic Components Datasheet Search
  English  ▼

X  

ISO7631FC Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7631FC
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7631FC Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7631FC Datasheet HTML 18Page - Texas Instruments ISO7631FC Datasheet HTML 19Page - Texas Instruments ISO7631FC Datasheet HTML 20Page - Texas Instruments ISO7631FC Datasheet HTML 21Page - Texas Instruments ISO7631FC Datasheet HTML 22Page - Texas Instruments ISO7631FC Datasheet HTML 23Page - Texas Instruments ISO7631FC Datasheet HTML 24Page - Texas Instruments ISO7631FC Datasheet HTML 25Page - Texas Instruments ISO7631FC Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
0
1
2
3
4
5
6
−30
−25
−20
−15
−10
−5
0
High−Level Output Current (mA)
VCC = 3.3 V
VCC = 5 V
TA = 25°C
G104
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
45
Low−Level Output Current (mA)
VCC = 3.3 V
VCC = 5 V
TA = 25°C
G105
0
1
2
3
4
5
6
−70
−60
−50
−40
−30
−20
−10
0
High−Level Output Current (mA)
VCC = 5 V
VCC = 3.3 V
TA = 25°C
G005
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
Low−Level Output Current (mA)
VCC = 3.3 V
VCC = 5 V
TA = 25°C
G006
0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
Data Rate (Mbps)
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
G102
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
Data Rate (Mbps)
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
G103
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 14. ISO7641FC Supply Current Per Channel
Figure 15. ISO7641FC Supply Current For All Channels
vs Data Rate
vs Data Rate
Figure 16. M-Grade High-Level Output Voltage
Figure 17. M-Grade Low-Level Output Voltage
vs High-Level Output Current
vs Low-Level Output Current
Figure 18. C-Grade High-Level Output Voltage
Figure 19. C-Grade Low-Level Output Voltage
vs High-Level Output Current
vs Low-Level Output Current
22
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com